Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 93 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 93 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 89Page - Lattice Semiconductor ORSPI4 Datasheet HTML 90Page - Lattice Semiconductor ORSPI4 Datasheet HTML 91Page - Lattice Semiconductor ORSPI4 Datasheet HTML 92Page - Lattice Semiconductor ORSPI4 Datasheet HTML 93Page - Lattice Semiconductor ORSPI4 Datasheet HTML 94Page - Lattice Semiconductor ORSPI4 Datasheet HTML 95Page - Lattice Semiconductor ORSPI4 Datasheet HTML 96Page - Lattice Semiconductor ORSPI4 Datasheet HTML 97Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
93
Figure 38. Read Timing with ERR Asserted - 64-Bit Mode
In the 128-bit data aggregation mode, DPRAMs 0,1,2 and 3 are used as a single contiguous memory. All DPRAMs
must be configured identically by software. In 128-bit aggregation mode, a maximum of 8 per-port buffers are pos-
sible. One significant difference between the 128-bit mode and the 32-bit and 64-bit modes is that the port ID is
presented to the user on a separate bus (SPIA_RX128_PORTID[7:0]). Thus the SPIA_RX128_CTL signal has no
relevance to the user and can be ignored. Read data is presented as a 128-bit word every clock cycle. As shown in
Figure 39, read enable SPIA_RX128_RD and address SPIA_RX128_ADDR are presented in clock cycle T1. In T3
read data is available to the user after 2 clock cycles of latency. The FIFO address is changed to ‘p’ during the sec-
ond last word of address ‘n’ such that the 2 clock cycles of latency between address and data can be absorbed.
As shown in Figure 40, when the ASTOP_ON_EOP is asserted, two idle clock cycles are inserted after an EOP
occurs. During these idle cycles, the byte enable bits are set to all ‘0s indicating that the read data is not valid. After
the idle cycles, the core continues to provide read data. The ASTOP_ON_EOP signal can be asserted anytime and
held high for any length of time during a read data transfer.
At any time, the user can poll for the status of a FIFO within a DPRAM bank by providing just the read address
SPIA_RX128_ADDR without providing the read enable. Note that the timing diagram shown in Figure 39, Figure 40
and Figure 41 indicate a FIFO size of 64 locations. Each location contains a 128-bit word. Thus when
SPIA_RX64_CLK_j
….
….
12
3
4
5
6
SPIA_RX64_RD_j
n
SPIA_RX64_FIFO_EMPTY_j
SPIA_RX64_DATA_j[63:0]
2 cycles after read
enable
SPIA_RX64_CTL_j
SPIA_RX64_SOP_j
SPIA_RX64_EOP_j
na = word 0 from pointer location in
FIFO address n
nb = word 1
FIFO size = 32 locations.
SPIA_RX64_ADDR_j
ASTOP_ON_EOPj
SPIA_RX64_BE_j[7:0]
j = 0,1
SPIA_RX64_ERR_j
hff
hff
hff
hff
hff
hff
hff
hff
h01
na
nb
na
nb
Port ID
na
nb
na
nb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com