Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 25 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 25 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 21Page - Lattice Semiconductor ORSPI4 Datasheet HTML 22Page - Lattice Semiconductor ORSPI4 Datasheet HTML 23Page - Lattice Semiconductor ORSPI4 Datasheet HTML 24Page - Lattice Semiconductor ORSPI4 Datasheet HTML 25Page - Lattice Semiconductor ORSPI4 Datasheet HTML 26Page - Lattice Semiconductor ORSPI4 Datasheet HTML 27Page - Lattice Semiconductor ORSPI4 Datasheet HTML 28Page - Lattice Semiconductor ORSPI4 Datasheet HTML 29Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
25
The bit ordering in the data format in the 32-bit aggregation mode is shown in Figure 7. In 32-bit mode, data trans-
fers are done in 4-word bursts with the exception of an EOP. As shown in the figure, SOP is always aligned to the
most significant 32-bit word, Word 0 of a 4-word burst. The first byte of a packet is always Word 0. The SOP indica-
tor is high during Word 0. EOP can be any byte within the 32-bit word. The last valid byte enable within a 32-bit
word indicates the end of packet. The EOP signal can be high during Word 0, Word 1, Word 2 or Word 3. It should
be used in conjunction with the byte enables to determine the last byte in that data transfer. If data transfers do not
end on Word 3, then the burst is terminated and Word 0 of the next burst is sent to the user. For example, if EOP
occurs during Word 2, Word 3 will be discarded and Word 0 of the next word will be sent to the user.
Figure 7. Byte and Bit Ordering in 32-Bit Operating Mode
The bit ordering in the data format in the 64-bit aggregation mode is shown in Figure 8. In 64-bit mode, data trans-
fers are done in 2-word bursts with the exception of an EOP. As shown in the figure, SOP is always aligned to the
most significant 64-bit Word 0 of a 2-word burst. The first byte of a packet is always Word 0. The SOP indicator is
high during word Word 0.
Figure 8. Byte and Bit Ordering in 64-Bit Mode
31
23
15
7
0
Byte 0 Byte 1 Byte 2 Byte 3
31
23
15
7
0
Byte 0 Byte 1Byte 2 Byte 3
31
23
15
7
0
Byte 0 Byte 1 Byte 2 Byte 3
31
23
15
7
0
Byte 0 Byte 1Byte 2 Byte 3
Word 3
SPI[A,B]_RX32_DATA_j[31:0]
Clock 1
Clock 2
Clock 3
Clock 4
Word 2
Word 1
Word 0
SPI[A,B]_RX32_SOP_j
127
0
95 63
31
DPRAM
FPGA
W 0
W 2 W 3
W 1
Time
Byte 0 is the SOP
SPI[A,B]_TX32_DATA_j[31:0]
or
SPI[A,B]_RX32_SOP_j
31
23
15
7
0
Byte4 Byte 5Byte 6 Byte 7
63
55
47
39 32
Byte 0 Byte 1Byte 2 Byte 3
31 23
15
7
0
Byte 4Byte 5Byte 6 Byte 7
63
55
47
39 32
Byte 0 Byte 1Byte 2 Byte 3
Clock 1
Clock 2
Word 1
Word 0
SPI[A,B]_RX64_SOP_j
127
0
95 63
31
DPRAM
FPGA
Word 1
Word 0
Time
SPI[A,B]_RX64_DATA_j[63:0]
SPI[A,B]_TX64_DATA_j[63:0]
or
SPI[A,B]_TX64_SOP_j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com