Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 46 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 46 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 42Page - Lattice Semiconductor ORSPI4 Datasheet HTML 43Page - Lattice Semiconductor ORSPI4 Datasheet HTML 44Page - Lattice Semiconductor ORSPI4 Datasheet HTML 45Page - Lattice Semiconductor ORSPI4 Datasheet HTML 46Page - Lattice Semiconductor ORSPI4 Datasheet HTML 47Page - Lattice Semiconductor ORSPI4 Datasheet HTML 48Page - Lattice Semiconductor ORSPI4 Datasheet HTML 49Page - Lattice Semiconductor ORSPI4 Datasheet HTML 50Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
46
– Both SPI-4 A and B are enabled
– 32-bit aggregation for all banks
Furthermore, assume the configuration of the SPI-4 is as follows:
– Transmit calendar has 4 ports: 0,1, 2, and 3
– Transmit DPRAMs configured to 1 partition each
– Transmit PDM assigns burst value of 4 to each port
– Transmit PDM maps port 0 to bank 0, port 1 to bank 1, port 2 to bank 2, and port3 to bank 3
Figure 16 shows how the port polling changes when the link disable for bank 1 is asserted (input signal
SPIB_TX32_LINK_DIS_1 in this configuration). Before SPIB_TX32_LINK_DIS_1 is asserted, the normal port poll-
ing sequence – 0, 1, 2, 3, 0, 1, 2, 3, 0, …. – is seen on the SPIB_TX32_PORT_ID outputs. Each port poll lasts for
the programmed burst value (4 in this example) number of cycles. After the SPIB_TX32_LINK_DIS_1 high transi-
tion, the sequence of port IDs changes to 0, 2, 3, 0, 2, 3, 0, …..
Note that the duration of port 0 is now 6 cycles with port 1 disabled. The 2 extra cycles are needed by the port poll
sequencer to skip over port 1 and continue to port 2. The port poll sequencer does not read data from bank 0 dur-
ing these 2 extra cycles, so they may be considered idle cycles. Before SPIB_TX32_LINK_DIS_1 was asserted,
the port polling period was 4 ports X 4 cycles/port = 16 cycles. After SPIB_TX32_LINK_DIS_1 is asserted, the port
polling period becomes 3 ports X 4 cycles/port + 2 extra cycles = 14 cycles.
Figure 16. Port 1 Disable
Figure 17 shows how the port polling changes when a second bank is disabled.
Here the signal
SPIB_TX32_LINK_DIS_2 is asserted to disable port 2. The port polling period with two ports disabled becomes 2
ports X 4 cycles/port + 4 extra cycles = 12 cycles.
0
1
23
01
2
3
0
2
3
0
2
SPIB_TX32_PORT_ID[7:0]
SPIB_TX32_LINK_DIS_3
SPIB_TX32_LINK_DIS_2
SPIB_TX32_LINK_DIS_1
SPIB_TX32_LINK_DIS_0
SPIB_TX32_CLK_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com