Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 13 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 13 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 9Page - Lattice Semiconductor ORSPI4 Datasheet HTML 10Page - Lattice Semiconductor ORSPI4 Datasheet HTML 11Page - Lattice Semiconductor ORSPI4 Datasheet HTML 12Page - Lattice Semiconductor ORSPI4 Datasheet HTML 13Page - Lattice Semiconductor ORSPI4 Datasheet HTML 14Page - Lattice Semiconductor ORSPI4 Datasheet HTML 15Page - Lattice Semiconductor ORSPI4 Datasheet HTML 16Page - Lattice Semiconductor ORSPI4 Datasheet HTML 17Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
13
In addition to formatting received data and sending it to the FPGA logic, the receive block also sends status infor-
mation to the SPI4 status interface.
The Port Status Sequencer (PSS) block is responsible for providing port status to the SPI4 Receive Status block
logic according to a pre-configured calendar sequence. Status is derived from the fill-levels of the DPRAM FIFOs
and/or from the FPGA status interface.
The SPI4 Receive Status block is responsible for FIFO status encoding, calendar management, status pattern
encoding (sync bits “11”), DIP-2 calculation and optional calendar selection word encoding.
The SPI4 Receive Status block contains the low speed LVTTL output buffers and LVDS output buffers necessary
for the output stage of receive status logic. The option to choose between LVTTL or LVDS outputs is done by set-
ting a control register bit.
SPI4 Debugging and Statistics Gathering Support
There are also several other features, including three loopback modes incorporated into the embedded core to
assist in debugging and statistic gathering. These features involve both the transmit and receive paths.
The three forms of loopback supported directly are:
• High-speed near-end loopback
• Far-end high-speed loopback
• Low-speed near-end loopback
The SPI4 blocks support the following error insertion and status reporting options for testing:
• DIP-4 odd parity is calculated over data and control words and inserted on the TX side. DIP-4 errors can be
forced by inverting the DIP-4 parity bits. DIP-4 parity is then checked at the receive interface.
• DIP-2 odd parity is calculated over the status frames and inserted on the RX side. DIP-2 errors can be forced by
inverting the DIP-2 parity bits. DIP-2 parity is then checked at the transmit status interface.
• Eight-bit counters are provided for counting DIP-4 and DIP-2 errors.
• Deskew error reporting for high-speed RX side dynamic alignment. This can cause an alarm.
• DPRAM FIFO overrun reporting. These can cause an alarm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com