Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 58 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 58 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 54Page - Lattice Semiconductor ORSPI4 Datasheet HTML 55Page - Lattice Semiconductor ORSPI4 Datasheet HTML 56Page - Lattice Semiconductor ORSPI4 Datasheet HTML 57Page - Lattice Semiconductor ORSPI4 Datasheet HTML 58Page - Lattice Semiconductor ORSPI4 Datasheet HTML 59Page - Lattice Semiconductor ORSPI4 Datasheet HTML 60Page - Lattice Semiconductor ORSPI4 Datasheet HTML 61Page - Lattice Semiconductor ORSPI4 Datasheet HTML 62Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
58
• TX_CAL_M_MAIN (address 30921 in SPIA and 30A21 in SPIB) is set to the number of times the calendar
sequence needs to be repeated between framing patterns.
• The shadow calendar can be programmed in the same identical fashion as the main calendar using the steps
described above.
To enable hitless switching between main and shadow calendar memories, the TX_CAL_SW_EN bit (address
30916 in SPIA and 30A16 in SPIB) should be set to ‘1’. This will cause the transmit status logic to detect the calen-
dar select word after the framing pattern. A “01” detected on the calendar select word selects the main calendar. A
“10” on the calendar select word selects the shadow calendar. It is important to enable this feature in the receive
device on the other end of the SPI4 link. If the receive device is a Lattice ORSPI4 device, this is done by setting
RX_CAL_SW_EN bit (address 30916 in SPIA and 30A16 in SPIB) to ‘1’. This will cause the far-end receive status
logic to insert the calendar select word after the framing pattern.
Table 11. Transmit Calendar Memory Contents
MIN_BURST_MODE
The number of transmitted data bytes in a given port’s SPI-4 data segment can be programmed by setting the
BURST_VAL for a given port in the Port Descriptor Memory. In general, setting a port’s BURST_VAL will result in
transmitted data segments of length (16 * BURST_VAL) bytes. However, data segments shorter than (16 *
BURST_VAL) bytes will occur about 15% of the time. There are three reasons for shorter data segments:
1. End-of-packet (EOP) causes segment to terminate
2. Insufficient data is written into a port’s transmit FIFO to support a full data burst.
3. ORSPI4 core logic causes occasional short segments.
Reason 1 will always naturally occur with any SPI4 link and so can never be completely eliminated. However, the
following steps which take advantage of the MIN_BURST_MODE will eliminate short data segments caused by
reasons 2 and 3:
1. Set MIN_BURST_MODE (address 30916, bit 3 for SPIA and 30A16, bit 3 for SPIB) to 1.
TX Calendar Memory
Address
TX Calendar Memory
Contents (Port ID)
Port Number
0x00
0x00
A1
0x01
0x01
A2
0x02
0x02
A3
0x03
0x03
B1
0x04
0x00
A1
0x05
0x01
A2
0x06
0x02
A3
0x07
0x04
B2
0x08
0x00
A1
0x09
0x01
A2
0x0a
0x02
A3
0x0b
0x05
B3
0x0c
0x00
A1
0x0d
0x01
A2
0x0e
0x02
A3
0x0f
0x06
B4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com