Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 22 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 22 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 18Page - Lattice Semiconductor ORSPI4 Datasheet HTML 19Page - Lattice Semiconductor ORSPI4 Datasheet HTML 20Page - Lattice Semiconductor ORSPI4 Datasheet HTML 21Page - Lattice Semiconductor ORSPI4 Datasheet HTML 22Page - Lattice Semiconductor ORSPI4 Datasheet HTML 23Page - Lattice Semiconductor ORSPI4 Datasheet HTML 24Page - Lattice Semiconductor ORSPI4 Datasheet HTML 25Page - Lattice Semiconductor ORSPI4 Datasheet HTML 26Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
22
Eight fully distributed primary clocks are routed on a low-skew, high-speed distribution network and may be
sourced from dedicated I/O pads, PLLs, or the PLC logic. Secondary and edge-clock routing is available for fast
regional clock or control signal routing for both internal regions and on device edges. Secondary clock routing can
be sourced from any I/O pin, PLLs, or the PLC logic.
The improved routing resources offer great flexibility in moving signals to and from the logic core. This flexibility
translates into an improved capability to route designs at the required speeds when the I/O signals have been
locked to specific pins.
System-Level Features
The Series 4 also provides system-level functionality by means of its microprocessor interface, Embedded System
Bus, quad-port Embedded Block RAMs, universal programmable Phase-Locked Loops, and the addition of highly
tuned networking specific Phase-Locked Loops. These functional blocks allow for easy, glueless system interfacing
and the capability to adjust to varying conditions in today’s high-speed networking systems.
MicroProcessor Interface
The MPI provides a glueless interface between the FPGA and
PowerPC microprocessors. Programmable in 8-bit,
16-bit,
and 32-bit interfaces with optional parity to the
Motorola
® PowerPC 860 bus, it can be used for configuration
and readback, as well as for FPGA control and monitoring of FPGA status. All MPI transactions utilize the Series 4
Embedded System Bus at 66 MHz performance.
A system-level microprocessor interface to the FPGA user-defined logic following configuration, through the system
bus, including access to the Embedded Block RAM and general user-logic, is provided by the MPI. The MPI sup-
ports burst data read and write transfers, allowing short, uneven transmission of data through the interface by
including data FIFOs. Transfer accesses can be single beat (1 x 4 bytes or less), 4-beat (4 x 4 bytes), 8-beat (8 x 2
bytes), or 16-beat (16 x 1 bytes).
System Bus
An on-chip, multimaster, 8-bit system bus with 1-bit parity facilitates communication among the MPI, configuration
logic, FPGA control, and status registers, Embedded Block RAMs, as well as user logic. Utilizing the
AMBA speci-
fication Rev 2.0 AHB protocol, the Embedded System Bus offers arbiter, decoder, master, and slave elements.
Master and slave elements are also available for the user-logic and a slave interface is used for control and status
of the embedded backplane transceiver portion of the ORSPI4.
The system bus control registers can provide control to the FPGA such as signaling for reprogramming, reset func-
tions, and PLL programming. Status registers monitor INIT, DONE, and system bus errors. An interrupt controller is
integrated to provide up to eight possible interrupt resources. Bus clock generation can be sourced from the micro-
processor interface clock, configuration clock (for slave configuration modes), internal oscillator, user clock from
routing, or from the port clock (for JTAG configuration modes).
Phase-Locked Loops
The ORSPI4 provides 4 programmable PLLs accessible through clock routing in the FPGA array. There are two
standard programmable PLLs (PPLL) and 2 high-speed programmable PLLs (HPPLL) available in the ORSPI4.
The two PPLLs are capable of manipulating and conditioning clock outputs from 15 MHz to 200 MHz. The two
HPPLLs are capable of manipulating and conditioning clock outputs from 60 MHz to 420 MHz. Programmable
PLLs can be used to manipulate the frequency, phase, and duty cycle of a clock signal. Frequencies can be
adjusted from 1/8x to 8x, the input clock frequency. Each programmable PLL provides two outputs that have differ-
ent multiplication factors but can have the same phase relationships. Duty cycles and phase delays can be
adjusted in 12.5% of the clock period increments. An automatic input buffer delay compensation mode is available
for phase delay. Each PPLL provides two outputs that can have programmable (12.5% steps) phase differences.
FPGA Configuration
The FPGA functionality is determined by internal configuration RAM. The FPGAs internal initialization/configuration
circuitry loads the configuration data at power-up or under system control. The configuration data can reside exter-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com