Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 57 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 57 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 53Page - Lattice Semiconductor ORSPI4 Datasheet HTML 54Page - Lattice Semiconductor ORSPI4 Datasheet HTML 55Page - Lattice Semiconductor ORSPI4 Datasheet HTML 56Page - Lattice Semiconductor ORSPI4 Datasheet HTML 57Page - Lattice Semiconductor ORSPI4 Datasheet HTML 58Page - Lattice Semiconductor ORSPI4 Datasheet HTML 59Page - Lattice Semiconductor ORSPI4 Datasheet HTML 60Page - Lattice Semiconductor ORSPI4 Datasheet HTML 61Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
57
• If training is to be used, the user must also configure the 16-bit TX_ALPHA variable to indicate the number of
times the training pattern is to be repeated. By default the value is 0x0000 which disables the training pattern.
If the number of Bytes within the training sequences do not fill entire SPI4 Burst Cycle, the unused Byte fields will
be padded with Idle data in order to keep the training sequences aligned on 16 Byte boundaries.
Calendar Programming
On a SPI4 link, FIFO status information is received periodically over the status link (TSTAT bus on the SPI4 inter-
face) from the device that sources data. Calendar is a means by which the SPI4 link conveys information to the TX
data source about the availability of buffer space in the RX FIFOs that receive data from that data source. A calen-
dar is a sequence of status messages that:
• Provides information on the buffer space for a port or traffic flow.
• Allows user to allocate bandwidth for a port or flow depending on the overall traffic characteristics.
The SPI4 status channel operates at 1/8th the SPI4 data rate, which is reasonable because data is always sent in
16-byte bursts. Thus, the fastest status update can be expected once in every 8 data clock cycles. For a given port,
the frequency with which its status is reported to the far-end transmitter source depends on the allocated band-
width for the port. It is imperative that the transmitter and receiver devices are programmed with identical calendar
sequences. The following examples illustrate this:
Suppose a channelized STS-48 has three STS-12 ports and four STS-3 ports (channels), each STS-12 port
should have four times the bandwidth of an STS-3 port and 12 times the bandwidth of an STS-1 port within a single
calendar cycle. The first step is to map each port to an 8-bit Port ID (address) as shown in Table 23
Table 10. Port ID Mapping
The calendar sequence is as follows:
A1, A2, A3, B1, A1, A2, A3, B2, A1, A2, A3, B3, A1, A2, A3, B4
The number of calendar entries is thus 16. This calendar sequence is programmed in the transmit calendar mem-
ory as follows:
• This example uses the main calendar. The calendar memory is selected by setting the TX_CAL_MEM_SEL bit
(address 30917 in SPIA and address 30A17 in SPIB) to ‘1’.
• Writes are done to addresses 0x31000 - 0x3100F. This will correspond to entries 0x00 - 0x0F in the calendar
memory. This is shown in Table 11. Note that the main calendar memory has 1023 locations and can be pro-
grammed through addresses 0x31000 - 0x313FE. The shadow calendar memory also has 1023 locations and
can be programmed through addresses 0x31400 - 0x317FE.
• After programming the calendar memory, the TX_CAL_MEM_SEL bit is set to ‘0’.
• The calendar length register TX_CAL_LEN_MAIN is set to 16 (address 30922 and 30923 in SPIA, 30A22 and
30A23 in SPIB).
Port
Bandwidth
8-Bit Port ID
(Port Address)
A1
STS-12
0x00
A2
STS-12
0x01
A3
STS-12
0x02
B1
STS-3
0x03
B2
STS-3
0x04
B3
STS-3
0x05
B4
STS-3
0x06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com