Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 54 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 54 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 50Page - Lattice Semiconductor ORSPI4 Datasheet HTML 51Page - Lattice Semiconductor ORSPI4 Datasheet HTML 52Page - Lattice Semiconductor ORSPI4 Datasheet HTML 53Page - Lattice Semiconductor ORSPI4 Datasheet HTML 54Page - Lattice Semiconductor ORSPI4 Datasheet HTML 55Page - Lattice Semiconductor ORSPI4 Datasheet HTML 56Page - Lattice Semiconductor ORSPI4 Datasheet HTML 57Page - Lattice Semiconductor ORSPI4 Datasheet HTML 58Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
54
Transmit Calendar Operation
This section gives a description of how the Transmit Calendar operates, in order to assist users in understanding
how to configure the TX SPI4 programmable Calendar and configuration registers to fit their application. Figure 18
and Figure 19 will be used as reference. The Transmit Calendar logic is synchronous to TREFCLK for it’s internal
operations.
The Transmit Calendar logic uses an indirect addressing scheme to acquire port sequence information. This
enables the user to configure the Calendar easily, while minimizing the amount of information that needs to be pro-
grammed within the Calendar table. Indirect addressing also enables users to configure the entire Port Descriptor
Memory at initialization time, without having to actually enable all the entries. The user has access to modify port
information within the PDM at any time, whereas the Calendar(s) can only be updated while it is not in service.
The Transmit Calendar sequentially runs through all the user-enabled port entries within the 1K memory. The Cal-
endar rolls over to the first entry whenever the user-configured maximum Calendar length is reached. The time
between polling the same port is a function of the several factors, including user-configured BURST_VAL per port,
and whether the TX_BURST_TERMINATION is enabled (set to LOGIC “1”).
• The user must configure the TX_CAL_LEN_MAIN to indicate the number of valid entries to sequence through in
the Main Calendar. Not all applications require 1023 locations to be polled.
• If the Shadow Calendar is to be used, the user must configure the TX_CAL_LEN_SHD to indicate the number of
valid entries to sequence in the Shadow Calendar. The Shadow Calendar is independent of the Main Calendar,
and may have a different number of entries.
• The user must either enable TX_BURST_TERMINATION or leave it disabled. By default it is disabled.
When a port is indexed within the Calendar, the indexed vector serves as the address to the Port Descriptor Mem-
ory, to fetch all the necessary information to service the selected port. The Port Descriptor Memory (PDM) provides
256 entries; one for each possible SPI4 port. The PDM contains all the port servicing control information. When a
port is indexed via the Calendar, the Calendar pointer is incremented to the next location, serving as a pseudo
prefetch in case TX_BURST_TERMINATION is enabled. Every time a Port is indexed in the PDM, an internal
counter loads BURST_VAL and begins decrementing. Upon nulling out, the next Calendar entry is used to index
the PDM to fetch the next port to be serviced. Again, the Calendar advances to the next enabled location. As
defined within the SPI4 specification, BURST_VAL indicates the number of 16-Byte cycles a port may be serviced
before segmentation must occur. Using BURST_VAL, the Transmit Calendar can maintain constant Port servicing
from the Dual Port memories.
• The user must configure a BURST_VAL value for each enabled SPI4 port. The PDM contains 256 locations, i.e.
one for each possible SPI4 port.
The Transmit Calendar broadcasts the AMA_ID and BURST_VAL vectors, fetched from the PDM, to the AMA
block. The AMA will use the ID value to address the physical entry of the port that is to be serviced. Note the
AMA_ID value is the physical address of the DPRAM and is made up of two user-configurable fields, the
PARTITION_ID and BANK_ID.
• The DPRAMs consist of 4 banks, and each may be partitioned into a maximum of 8 virtual FIFOs each. The user
must configure both the PARTITION_ID[2:0] and BANK_ID[1:0] fields for each enabled port within the PDM. The
PARTITION_ID vector is identical to the SPIA_TX32_ADDR_0[2:0]. The user configures the same partition
address for a particular port that is used as the address on transmit DPRAM write interface. The BANK_ID vector
is simply derived from the physical interface used at the FPGA/embedded core interface, as shown below.
– 32-bit mode
→ [00,01,10,11], providing up to 4 interfaces
– 64-bit mode
→ [00, 01], providing up to 2 interfaces
– 128-bit mode
→ [00], providing a single interface
For all combinations of aggregation, the values given above apply.
• More than one port can be mapped to the same partition. Simply program the same PARTITION_ID and
BANK_ID values in all the PDM port entries that share the same partition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com