Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 17Page - Lattice Semiconductor ORSPI4 Datasheet HTML 18Page - Lattice Semiconductor ORSPI4 Datasheet HTML 19Page - Lattice Semiconductor ORSPI4 Datasheet HTML 20Page - Lattice Semiconductor ORSPI4 Datasheet HTML 21Page - Lattice Semiconductor ORSPI4 Datasheet HTML 22Page - Lattice Semiconductor ORSPI4 Datasheet HTML 23Page - Lattice Semiconductor ORSPI4 Datasheet HTML 24Page - Lattice Semiconductor ORSPI4 Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
21
PLC Logic
Each PFU within a PLC contains eight 4-input (16-bit) LUTs, eight latches/FFs, and one additional Flip-Flop that
may be used independently or with arithmetic functions.
The PFU is organized in a twin-quad fashion; two sets of four LUTs and FFs that can be controlled independently.
Each PFU has two independent programmable clocks, clock enables, local set/reset, and data selects. LUTs may
also be combined for use in arithmetic functions using fast-carry chain logic in either 4-bit or 8-bit modes. The
carry-out of either mode may be registered in the ninth FF for pipelining.
Each PFU may also be configured as a synchronous 32 x 4 single- or dual-port RAM or ROM. The FFs (or latches)
may obtain input from LUT outputs or directly from invertible PFU inputs, or they can be tied high or tied low. The
FFs also have programmable clock polarity, clock enables, and local set/reset.
The SLIC is connected from PLC routing resources and from the outputs of the PFU. It contains eight 3-state, bidi-
rectional buffers, and logic to perform up to a 10-bit AND function for decoding, or an AND-OR with optional
INVERT to perform
PAL-like functions. The 3-state drivers in the SLIC and their direct connections from the PFU
outputs make fast, true, 3-state buses possible within the FPGA, reducing required routing and allowing for real-
world system performance.
Programmable I/O
The Series 4 PIO addresses the demand for the flexibility to select I/Os that meet system interface requirements.
I/Os can be programmed in the same manner as in previous
ORCA devices, with the additional new features which
allow the user the flexibility to select new I/O types that support High-Speed Interfaces.
Each PIO contains four programmable I/O pads and is interfaced through a common interface block to the FPGA
array. The PIO is split into two pairs of I/O pads with each pair having independent clock enables, local set/reset,
and global set/reset. On the input side, each PIO contains a programmable latch/Flip-Flop, which enables very fast
latching of data from any pad. The combination provides for very low setup requirements and zero hold times for
signals coming on-chip. It may also be used to demultiplex an input signal, such as a multiplexed address/data sig-
nal, and register the signals without explicitly building a demultiplexer with a PFU.
On the output side of each PIO, an output from the PLC array can be routed to each output Flip-Flop, and logic can
be associated with each I/O pad. The output logic associated with each pad allows for multiplexing of output signals
and other functions of two output signals.
The output FF, in combination with output signal multiplexing, is particularly useful for registering address signals to
be multiplexed with data, allowing a full clock cycle for the data to propagate to the output. The output buffer signal
can be inverted, and the 3-state control can be made active-high, active-low, or always enabled. In addition, this 3-
state signal can be registered or nonregistered.
The Series 4 I/O logic has been enhanced to include modes for speed uplink and downlink capabilities. These
modes are supported through shift register logic, which divides down incoming data rates, or multiplies up outgoing
data rates. This new logic block also supports high-speed DDR mode requirements where data is clocked into and
out of the I/O buffers on both edges of the clock.
The new programmable I/O cell allows designers to select I/Os which meet many new communication standards
permitting the device to hook up directly without any external interface translation. They support traditional FPGA
standards as well as high-speed, single-ended, and differential-pair signaling. Based on a programmable, bank-ori-
ented I/O ring architecture, designs can be implemented using 3.3 V, 2.5 V, 1.8 V, and 1.5 V referenced output lev-
els.
Routing
The abundant routing resources of the Series 4 architecture are organized to route signals individually or as buses
with related control signals. Both local and global signals utilize high-speed buffered and non-buffered routes. One
PLC segmented (x1), six PLC segmented (x6), and bused half chip (xHL) routes are patterned together to provide
high connectivity with fast software routing times and high-speed system performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com