Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 5Page - Lattice Semiconductor ORSPI4 Datasheet HTML 6Page - Lattice Semiconductor ORSPI4 Datasheet HTML 7Page - Lattice Semiconductor ORSPI4 Datasheet HTML 8Page - Lattice Semiconductor ORSPI4 Datasheet HTML 9Page - Lattice Semiconductor ORSPI4 Datasheet HTML 10Page - Lattice Semiconductor ORSPI4 Datasheet HTML 11Page - Lattice Semiconductor ORSPI4 Datasheet HTML 12Page - Lattice Semiconductor ORSPI4 Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
9
Figure 3. ORSPI4 SPI4 Interface Block - Top Level Functional Partitioning
At the embedded core/FPGA interface, data buffering is provided by banks of DPRAM partitioned into FIFOs. FIFO
reads and writes are completely decoupled. Data and accompanying address, packet delineation and error identifi-
cation information are written into the selected FIFO as received - either from the FPGA, in the transmit case, or
from the receive link. For transmit, reads are performed from the FIFOs based on pre-programmed packet format
information, a pre-programmed schedule for link access as read from calendar logic, and far end status information
as received from the transmit status logic. In the receive direction, the receive status logic transmits information
concerning the states of the receive buffers on the receive status links, while the FPGA logic reads data from the
FIFOs as needed under control of the FPGA logic.
The read/write control functions are similar if operating with external RAM. In this case, the internal DPRAM can be
used as clock domain crossing FIFOs.
Formatting/deformatting, flow control processing, and error control logic forms the interface between the DPRAM
banks and the SPI4 transmit and receive blocks. This logic performs the necessary conversions between the SPI4
and FPGA/core interface formats. It also performs DIP-2 (status) and DIP-4 (control) generation/checking. Finally,
the SPI4 interface blocks perform the MUX/DEMUX functions for rate conversion between the internal core data
paths and the SPI4 links and also provides the needed LVDS driver and receiver functions. Either static or dynamic
alignment is available at the receiver interface. Dynamic alignment is used to compensate for bit-to-bit skew at
higher data rates where it becomes difficult to meet tight setup and hold timing requirements.
Input
Protocol
SPI4 Logic - Status
Transmit
Receive
Output
Protocol
SPI4 Logic - Data
Output
Protocol
SPI4 Logic - Status
Input
Protocol
SPI4 Logic - Data
DPRAM
Write
Transmit Buffers
Port
Calendar
Read Control
Control
Banks
Descriptor
Address
Sequencer
Map
Transmit Data
Transmit Status
Transmit Control
FIFO_FULL
32,
TSTAT[1:0]
TSCLK
TDCLK
TDAT[15:0]
TCTL
RSTAT[1:0]
RSCLK
RDCLK
RDAT[15:0]
RCTL
DPRAM
Receive Buffers
Banks
Calendar
Port Status
Sequencer
64,
128
Receive Status
Transmit Buffers
Port
Descriptor
Address
Map
Read Data 128
Read Control
Write
Receive
Control
Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com