Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 40 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 40 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 36Page - Lattice Semiconductor ORSPI4 Datasheet HTML 37Page - Lattice Semiconductor ORSPI4 Datasheet HTML 38Page - Lattice Semiconductor ORSPI4 Datasheet HTML 39Page - Lattice Semiconductor ORSPI4 Datasheet HTML 40Page - Lattice Semiconductor ORSPI4 Datasheet HTML 41Page - Lattice Semiconductor ORSPI4 Datasheet HTML 42Page - Lattice Semiconductor ORSPI4 Datasheet HTML 43Page - Lattice Semiconductor ORSPI4 Datasheet HTML 44Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
40
I/O Modes - SPI4 FPGA/Embedded Core Data Protocol
In order to successfully transmit data across the Transmit SPI4 link, there is a certain protocol that the data and
control signals must obey. This section outlines the FPGA/embedded core interface protocol to follow for each of
the operating modes of the Transmit SPI4 embedded core. As mentioned, there are three basic modes of operation
when transmitting data into the embedded core from the FPGA. For all modes of operation, data is transferred syn-
chronous to the rising edge of the respective SPI_TX_CLK signals. The following figures detail the write protocol
defined for transmitting SPI4 transmit data. Figure 11 below shows basic interface signals for 32-bit mode of oper-
ation.
Figure 11. Basic 32-bit Data Write Protocol to DPRAM
During clock cycle 1, the FPGA asserts the partition Address, which indicates which partition within the DPRAM
the data and control signals are to be written to. The Write Enable signal is also asserted, qualifying all data and
control signals. In the figure, this is the start of a packet, so the SOP signal is also asserted. Data is presented to
the interface, as well as the Byte Enable (BE) and Port ID signals. The Port ID is used to identify the PORT_ID field
within the SPI4 control word. The BE vector is used to qualify which Bytes on the SPI4 transmit link are valid data.
During clock cycle 4, the internal DPRAM write is automatically incremented, and the user is expected to continue
write accesses to the FIFO partition. During clock cycle 8, the BE bits are set to 0xC, indicating only two of the four
Bytes contain valid packet data.
During clock cycle 8, the FPGA indicates an End of Packet condition for the current selected Port. Asserting the
EOP signal causes the internal logic to terminate writes to the current Port, as well as automatically incrementing
to the next address for the FIFO partition.
The Port ID signal should be asserted during an entire write sequence. At a minimum, it must be asserted at least
during the last write to the current DPRAM address line (i.e. for every 128 data bits that are in a DPRAM location).
In the figure above, the Port ID must be asserted during clock cycles 4 and 8.
Internal to the embedded core is logic that advances the write pointer for each DPRAM partition. Although not visi-
ble to the FPGA, the internal DPRAM pointer logic advances to the next valid address within partition range after
every 4 writes when in 32-bit aggregation mode.
Note: SPIB is identical to SPIA
SPIA_TX32_CLK
SPIA_TX32_WD_CNT_RST
SPIA_TX32_ADDR[2:0]
SPIA_TX32_WE
SPIA_TX32_DATA[31:0]
SPIA_TX32_SOP
SPIA_TX32_EOP
SPIA_TX32_PORT[7:0]
SPIA_TX32_BE[3:0]
1234567
89
10
Partition Addr 'k'
0xF
0xF
0xF
0xF
0xF
0xC
0xF
0xF
Port 3
Port 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com