Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 72 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 72 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 68Page - Lattice Semiconductor ORSPI4 Datasheet HTML 69Page - Lattice Semiconductor ORSPI4 Datasheet HTML 70Page - Lattice Semiconductor ORSPI4 Datasheet HTML 71Page - Lattice Semiconductor ORSPI4 Datasheet HTML 72Page - Lattice Semiconductor ORSPI4 Datasheet HTML 73Page - Lattice Semiconductor ORSPI4 Datasheet HTML 74Page - Lattice Semiconductor ORSPI4 Datasheet HTML 75Page - Lattice Semiconductor ORSPI4 Datasheet HTML 76Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
72
3
SPIA_RX32_ADDR_3[2:0]
FPGA
→ Core FIFO read address.
SPIA_RX32_DATA_3[31:0]
Core
→FPGA FIFO read data.
SPIA_RX32_BE_3[3:0]
Core
→FPGA Byte enables
Bit 3 - Byte enable for SPIA_RX32_DATA_3[31:24]
Bit 2 - Byte enable for SPIA_RX32_DATA_3[23:16]
Bit 1 - Byte enable for SPIA_RX32_DATA_3[15:8]
Bit 0 - Byte enable for SPIA_RX32_DATA_3[7:0]
SPIA_RX32_CTL_3
Core
→FPGA Port ID indicator. A ‘1’ indicates that the SPIA_RX32_DATA_3 bus contains
the port ID.
SPIA_RX32_SOP_3
Core
→FPGA Start of Packet Indicator. A ‘1’ indicates start of packet.
SPIA_RX32_EOP_3
Core
→FPGA End of Packet Indicator. A ‘1’ indicates end of packet.
SPIA_RX32_ERR_3
Core
→FPGA Error. A ‘1’ indicates an error in the current word.
SPIA_RX32_FIFO_EMPTY_3 Core
→FPGA FIFO Empty flag. Depends on the RX_DPRAM_EMPTY_TYPE_SELA[3]
software register bit in address 0x30920. When this bit is set to ‘0’, (default)
the empty flag indicates truly empty.
When this bit is set to ‘1’, the empty flag indicates that the FIFO is 1/4 full -1.
ASTOP_ON_EOP3
FPGA
→ Core Timing control for handling end of packet.
SPIA_RX32_CLK_3
FPGA
→ Core FIFO read clock.
SPIA_RX32_RD_3
FPGA
→ Core FIFO read enable.
Status
I/Os
SPIA_RX32_PORT_ID[7:0]
FPGA
→ Core Port ID used by the core as write address into the status RAM.
SPIA_RX32_STAT[1:0]
FPGA
→ Core Port Status corresponding to SPIA_RX32_PORT_ID
SPIA_RX32_EXT_STAT_EN
FPGA
→ Core When set to ‘1’, the status from SPIA_RX32_STAT will be sent on the SPI4
status i/f.
SPIA_RX32_PSS_WE
FPGA
→ Core Write enable to the internal Status RAM.
SPIA_RX32_PSS_CLK
FPGA
→ Core Write clock to the internal Status RAM.
Misc.
I/Os
SPI_DATM_A
FPGA
→ Core Valid only during static data capture. Should be set to ‘0’ in dynamic align-
ment mode.
‘0’ - Bypass delay line circuit on the clock (ARDCLK) path.
‘1’ - Enables delay line circuit on the ARDCLK path.
SPI_DLYTAP_A[2:0]
FPGA
→ Core These bits control the effective delay of the delay line circuit on the ARD-
CLK path. Valid values are from 0-6.
ARLSCLK_F
Core
→FPGA Internal clock (ARDCLK/4) used to clock all receive status logic.
Table 12. SPIA Core Receive FPGA Interface in 32-Bit Mode (Continued)
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com