Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 43 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 43 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 39Page - Lattice Semiconductor ORSPI4 Datasheet HTML 40Page - Lattice Semiconductor ORSPI4 Datasheet HTML 41Page - Lattice Semiconductor ORSPI4 Datasheet HTML 42Page - Lattice Semiconductor ORSPI4 Datasheet HTML 43Page - Lattice Semiconductor ORSPI4 Datasheet HTML 44Page - Lattice Semiconductor ORSPI4 Datasheet HTML 45Page - Lattice Semiconductor ORSPI4 Datasheet HTML 46Page - Lattice Semiconductor ORSPI4 Datasheet HTML 47Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
43
Figure 14. 64-Bit Write Protocol Using Fast Back-to-Back Transfers
As with Figure 13, the FPGA initiates the start of a packet by asserting the FIFO partition address, WE, Data and
other pertinent control signals in Figure 14. During clock cycle 2, an entire 128-bit line has been written and the
internal logic increments it’s write pointer to the next location within the FIFO partition. During clock cycle 3, the
FPGA begins writing to a different DPRAM FIFO using a back-to-back transfer. A new Partition address and Port ID
are presented to the DPRAM. Since this is the Start of the Packet, the SOP is asserted. During clock cycle 5, the
internal write pointer is advanced to the next address within the FIFO partition range. On clock cycle 6, the FPGA
terminates the packet by asserting the EOP signal. The internal DPRAM Write Pointer advances during clock cycle
6 to the next location and then waits for the FPGA to attempt another write access to a partition within the DPRAM.
Beginning with clock cycle 7, the FPGA resumes writing to the original port. The FPGA presents the correct Parti-
tion address and asserts the required control signals. The internal write pointer decodes the Partition address and
sets the internal write pointer to address 'n+1'. As with 32-bit mode, in 64-bit aggregation mode, data may be writ-
ten to different Ports in a fast back-to-back fashion without any reduction in data throughput. During clock cycle 8,
the FPGA terminates writing to the current packet by asserting the EOP input signals and the correct number of BE
signals.
Figure 15 below shows the protocol required when operating in 128-bit aggregation mode. A single write from the
FPGA fills an entire line within a FIFO partition.
SPI_TX64_CLK
SPI_TX64_WD_CNT_RST
1
2
34
56
7
SPI_TX64_ADDR[2:0]
SPI_TX64_WE
SPI_TX64_DATA[63:0]
SPI_TX64_SOP
SPI_TX64_EOP
SPI_TX64_PORT[7:0]
SPI_TX64_BE[7:0]
Internal DPRAM Write Ptr.
8
Addr 'n'
Addr 'm'
'm+1'
'n+1'
Note: SPIB is identical to SPIA
Part. Addr 'k'
Part. Addr 'k'
Partition Addr 'k+4'
0xFF
0xFF
0xFF
0xFF
0xFF
0xFC
0xFF
0xC0
Port 7
Port 3
Port 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com