Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 36 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 36 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 32Page - Lattice Semiconductor ORSPI4 Datasheet HTML 33Page - Lattice Semiconductor ORSPI4 Datasheet HTML 34Page - Lattice Semiconductor ORSPI4 Datasheet HTML 35Page - Lattice Semiconductor ORSPI4 Datasheet HTML 36Page - Lattice Semiconductor ORSPI4 Datasheet HTML 37Page - Lattice Semiconductor ORSPI4 Datasheet HTML 38Page - Lattice Semiconductor ORSPI4 Datasheet HTML 39Page - Lattice Semiconductor ORSPI4 Datasheet HTML 40Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
36
0
SPIA_TX64_LINK_DIS_0
FPGA
→ Core Link disable control signal. When asserted to a logic '1', the AMA will cease
polling from a DPRAM. All ports associated with a disabled DPRAM will
remain unserviced until the control signal is deasserted. The AMA will send
IDLE data across the SPI4 link. If the application continues to write data to
that port FIFO, it will eventually fill and provide proper FIFO fill status to the
application.
SPIA_TX64_CLK_0
FPGA
→ Core Transmit write reference clock. The clocks across the different transmit
interfaces are independent from each other, and are not required to be syn-
chronous to each other.
SPIA_TX64_FIFO_FULL_0
Core
→FPGA FIFO full status. The status is given in response to the assertion of any
valid address on the SPIA_TX64_ADDR_1[2:0] bus. This signal will be
asserted to a logic '1' when the current FIFO partition has crossed the con-
figured fill level within the partition.
1
SPIA_TX64_ADDR_1[2:0]
FPGA
→ Core Virtual FIFO Write Address. Each DPRAM can be divided up to a maximum
of eight partitions. When operating in 64-bit mode, each partition will be 2x
the depth of the corresponding partition in 32-bit mode. More than one port
can be configured to share a virtual FIFO partition.
SPIA_TX64_DATA_1[63:0]
FPGA
→ Core User Write data. Two writes are required in order to complete an entire 128-
bit line. All writes must occur in two write bursts, unless an EOP occurs.
SPIA_TX64_BE_1[7:0]
FPGA
→ Core Byte enables indicating which bytes within the 64-bit word are valid.
Bit[7]-Byte enable for SPIA_TX64_DATA_0[63:56]
Bit[6]-Byte enable for SPIA_TX64_DATA_0[55:48]
Bit[5]-Byte enable for SPIA_TX64_DATA_0[47:40]
Bit[4]-Byte enable for SPIA_TX64_DATA_0[39:32]
Bit[3]-Byte enable for SPIA_TX64_DATA_0[31:24]
Bit[2]-Byte enable for SPIA_TX64_DATA_0[23:16]
Bit[1]-Byte enable for SPIA_TX64_DATA_0[15:8]
Bit[0]-Byte enable for SPIA_TX64_DATA_0[7:0]
If no BE bits are asserted for a particular location within the DPRAM, data
will be dropped and no write to the DPRAM will occur.
According to the SPI-4.2 specification, the BE bits must be asserted for all
but the last transfer, where an End of Packet or Error may occur. The valid
combinations of BE are as follows:
BE[7:0] = 11111111--indicates all eight bytes contain valid user data. If an
EOP is present, it resides within the eighth byte.
BE[7:0] = 11111110--indicates seven bytes are valid. EOP occurs in sev-
enth Byte.
BE[7:0] = 11111100--indicates six bytes are valid. EOP occurs in sixth
Byte.
BE[7:0] = 11111000--indicates five byte is valid. EOP occurs in fifth Byte.
BE[7:0] = 11110000--indicates four bytes are valid. EOP occurs in fourth
Byte.
BE[7:0] = 11100000--indicates three bytes are valid. EOP occurs in third
Byte.
BE[7:0] = 11000000--indicates two bytes are valid. EOP occurs in second
Byte.
BE[7:0] = 10000000--indicates one byte is valid. EOP occurs in first Byte.
SPIA_TX64_SOP_1
FPGA
→ Core
Start of Packet indicator. A '1' indicates the start of packet for a particular
port. When operating in 64-bit mode, the SOP indicator must be asserted
coincident with the first write per address line within the FIFO partition.
SPIA_TX64_EOP_1
FPGA
→ Core
End of Packet indicator. A '1' indicates the end of packet for a particular
port. The EOP may be asserted on either write per address line within the
FIFO partition.
Table 3. SPIA Core Transmit FPGA Interface in 64-Bit Mode (Continued)
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com