Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 70 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 70 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 66Page - Lattice Semiconductor ORSPI4 Datasheet HTML 67Page - Lattice Semiconductor ORSPI4 Datasheet HTML 68Page - Lattice Semiconductor ORSPI4 Datasheet HTML 69Page - Lattice Semiconductor ORSPI4 Datasheet HTML 70Page - Lattice Semiconductor ORSPI4 Datasheet HTML 71Page - Lattice Semiconductor ORSPI4 Datasheet HTML 72Page - Lattice Semiconductor ORSPI4 Datasheet HTML 73Page - Lattice Semiconductor ORSPI4 Datasheet HTML 74Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
70
based on the empty status signals presented from the FIFOs. The user can select a 32-bit, 64-bit or 128-bit wide
FIFO interface depending on the FPGA design requirements.
There are two SPI4 cores in the ORSPI4 device. They are referenced in the document as SPIA and SPIB respec-
tively.
ORSPI4 Receive Embedded Core/FPGA Interface Description
ORSPI4 Receive I/O Modes
The FPGA interface I/Os to the ORSPI4 logic block vary depending on the operating modes. There are three main
user operating modes:
• 32-bit operating mode: Each of the four DPRAMs can be configured with a 32-bit user data plus controls across
the FPGA interface. This mode is particularly useful if the user is aggregating multiple 32-bit interfaces into a sin-
gle SPI4 interface.
• 64-bit operating mode: A DPRAM pair can be configured with 64-bit user data bus plus controls across the FPGA
interface. Two such DPRAM pairs are available. More flexibility is provided by configuring one pair of DPRAM
banks in 64-bit mode and the remaining two banks in 32-bit mode.
• 128-bit operating mode: All four DPRAM banks are aggregated into a single FIFO with a 128-bit user data inter-
face.
Several other features are:
• Ability to pause for two clock cycles when an EOP is detected using the ASTOP_ON_EOP (SPIA) or
BSTOP_ON_EOP (SPIB) control signal. Please refer to the timing diagrams for detailed information.
Table 12 lists I/Os for SPIA core only. They are identical in the SPIB core as well.
Table 12. SPIA Core Receive FPGA Interface in 32-Bit Mode
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
0
SPIA_RX32_ADDR_0[2:0]
FPGA
→ Core FIFO read address.
SPIA_RX32_DATA_0[31:0]
Core
→FPGA FIFO read data.
SPIA_RX32_BE_0[3:0]
Core
→FPGA Byte enables
Bit 3 - Byte enable for SPIA_RX32_DATA_0[31:24]
Bit 2 - Byte enable for SPIA_RX32_DATA_0[23:16]
Bit 1 - Byte enable for SPIA_RX32_DATA_0[15:8]
Bit 0 - Byte enable for SPIA_RX32_DATA_0[7:0]
SPIA_RX32_CTL_0
Core
→FPGA Port ID indicator. A ‘1’ indicates that the SPIA_RX32_DATA_0 bus contains
the port ID.
SPIA_RX32_SOP_0
Core
→FPGA Start of Packet Indicator. A ‘1’ indicates start of packet.
SPIA_RX32_EOP_0
Core
→FPGA End of Packet Indicator. A ‘1’ indicates end of packet.
SPIA_RX32_ERR_0
Core
→FPGA Error. A ‘1’ indicates an error in the current word.
SPIA_RX32_FIFO_EMPTY_0 Core
→FPGA FIFO Empty flag. Depends on the RX_DPRAM_EMPTY_TYPE_SELA[0]
software register bit in address 0x30920. When this bit is set to ‘0’, (default)
the empty flag indicates truly empty.
When this bit is set to ‘1’, the empty flag indicates that the FIFO is 1/4 full -
1.
ASTOP_ON_EOP0
FPGA
→ Core Timing control for handling end of packet.
SPIA_RX32_CLK_0
FPGA
→ Core FIFO read clock.
SPIA_RX32_RD_0
FPGA
→ Core FIFO read enable.
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com