Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 4Page - Lattice Semiconductor ORSPI4 Datasheet HTML 5Page - Lattice Semiconductor ORSPI4 Datasheet HTML 6Page - Lattice Semiconductor ORSPI4 Datasheet HTML 7Page - Lattice Semiconductor ORSPI4 Datasheet HTML 8Page - Lattice Semiconductor ORSPI4 Datasheet HTML 9Page - Lattice Semiconductor ORSPI4 Datasheet HTML 10Page - Lattice Semiconductor ORSPI4 Datasheet HTML 11Page - Lattice Semiconductor ORSPI4 Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
8
• Automatic idle generation
– When no data for a given channel is available for transmit
– If the receiver on other end of the link is “satisfied” for this channel
• Automatic training pattern and idle deletion in receive path
• Low-power, high performance ASIC LVDS I/Os compliant with EIA
®-644
– I/O buffers support hot insertion
– I/O buffers proven to operate at over 900 MHz rates (Lattice ORLI10G FPSC uses same LVDS buffers)
– On-chip center tap termination for common mode noise reduction
• Configuration options as suggested in the OIF-SPI4-02.0 standard are supported to configure parameters such
as maximum burst size, calendar length, length of training sequence, etc.
• Support for three forms of loopback:
– High-speed near end loopback which involves looping back data from the high-speed transmit block serial
output to the high-speed receive block serial input. All of the logic up to the LVDS buffers is included in the
loopback path. The LVDS buffers are bypassed
– Far end loopback which involves looping back the 128-bit output data from high-speed receive block to the
128-bit input of the high-speed transmit block. Data is received at the high-speed SPI4 RX interface and
transmitted at the SPI4 TX interface. The transmit protocol, receive protocol and DPRAM blocks are
bypassed. This works for both static and dynamic alignment modes.
– Low-speed near end loopback which excludes the high-speed blocks from the loopback path. This involves
sourcing data from the FPGA, looping back the output of the transmit protocol block into the receive protocol
block and observing data at the core-FPGA boundary
• Support for several SPI4 debug options:
– Under software control, DIP-4 errors can be forced by inverting the DIP-4 parity bits
– DIP-2 errors can be forced by inverting the DIP-2 parity bits
– Eight-bit counters are provided for counting DIP-4 and DIP-2 errors
• SPI4 Status Reporting Capabilities:
– Status information is reported through status registers.
– Most conditions can also cause an alarm (interrupt) to be generated
– DIP-4, DIP-2 errors
– Deskew error from high-speed RX side
– DPRAM Virtual FIFO overruns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com