Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 45 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 45 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 41Page - Lattice Semiconductor ORSPI4 Datasheet HTML 42Page - Lattice Semiconductor ORSPI4 Datasheet HTML 43Page - Lattice Semiconductor ORSPI4 Datasheet HTML 44Page - Lattice Semiconductor ORSPI4 Datasheet HTML 45Page - Lattice Semiconductor ORSPI4 Datasheet HTML 46Page - Lattice Semiconductor ORSPI4 Datasheet HTML 47Page - Lattice Semiconductor ORSPI4 Datasheet HTML 48Page - Lattice Semiconductor ORSPI4 Datasheet HTML 49Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
45
Table 5. FIFO Address Based on Programmed Virtual FIFOs
Table 6. Possible Combinations of Aggregation Modes
Within the embedded core, data is quad-word aligned, and written to the DPRAMs only on 128-bit boundaries.
When operating in 32-bit or 64-bit mode, with the exception of EOP terminated write accesses, either 4 or 2 write
accesses, respectively, must be performed before the internal FIFO address pointer can be incremented to the next
location. It is required for the FPGA to perform all data writes on 128-bit boundaries. Thus, the application will write
entire “lines” to the DPRAM causing the internal address pointer to increment to the next location in memory. If the
FPGA attempts to write to a FIFO partition within the DPRAM and none of the 16 BE bits are set, the data will not
be written into the FIFO and the internal write pointers will not be advanced. This is done to prevent erroneous data
from being sent across the SPI4 link, as well as optimize FIFO memory usage.
Link Disable
Under certain circumstances, the application may require the SPI4 interface to disable a particular DPRAM from
being serviced. To accommodate this, the user can assert the proper 'Link Disable” (LINK_DIS) signal indicating to
the DPRAM logic to stop service to a particular DPRAM. As long as the assertion of the LINK_DIS for a particular
partition is asserted, all partitions within the associated DPRAM will not be serviced. If the application attempts to
perform further writes to any of the disabled FIFO partitions, data will be accepted up to the point the FIFO
becomes full. After the FIFO fills, data will no longer be accepted. Data written to the disabled DPRAM will remain
latent within the memory. Upon removal of the Link Disable signal, ports from the enabled DPRAM will be serviced
according to the configured Calendar sequence.
The following is an example of the effect of asserting a Link Disable. For this example, assume the ORSPI4 is con-
figured as follows:
SPI[A,B]_TX_ADDR[2:0]
Description
XXX
Bits are ignored when the DPRAM is configured to support a single partition.
(Device Select bits can be set to any value in single partition mode).
000
Selects Partition 0 when the DPRAM is configured to support 2, 4 or 8 partitions.
001
Selects Partition 1 when the DPRAM is configured to support 2, 4 or 8 partitions.
010
Selects Partition 2 when the DPRAM is configured to support 4 or 8 partitions.
011
Selects Partition 3 when the DPRAM is configured to support 4 or 8 partitions.
100
Selects Partition 4 when the DPRAM is configured to support 8 partitions.
101
Selects Partition 5 when the DPRAM is configured to support 8 partitions.
110
Selects Partition 6 when the DPRAM is configured to support 8 partitions.
111
Selects Partition 7 when the DPRAM is configured to support 8 partitions.
Mode
Valid
Banks 0 to 3 in 32-bit aggregation mode
Yes
Banks 0, 1 in 64-bit aggregation mode,
Banks 2,3 in 64-bit mode
Yes
Banks 0,1 in 64-bit mode,
Banks 2 & 3 in 32-bit mode
Yes
Banks 0,1 in 32-bit mode,
Banks 2 & 3 in 64-bit mode
Yes
All banks in 128-bit
Yes
Bank 0 in 32-bit mode,
Bank 1 in 64-bit mode or vice-versa
No
Bank 2 in 32-bit mode,
Bank 3 in 64-bit mode or vice-versa
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com