Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 2Page - Lattice Semiconductor ORSPI4 Datasheet HTML 3Page - Lattice Semiconductor ORSPI4 Datasheet HTML 4Page - Lattice Semiconductor ORSPI4 Datasheet HTML 5Page - Lattice Semiconductor ORSPI4 Datasheet HTML 6Page - Lattice Semiconductor ORSPI4 Datasheet HTML 7Page - Lattice Semiconductor ORSPI4 Datasheet HTML 8Page - Lattice Semiconductor ORSPI4 Datasheet HTML 9Page - Lattice Semiconductor ORSPI4 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
6
Embedded Core Overview - Functions and Features
The embedded core contains four separate functional blocks, two SPI4 interface blocks, a high-speed Memory
Controller block, and a quad SERDES block providing 4 channels of 0.6-3.7 Gbits/s SERDES. Features common to
all blocks include:
• Improved
PowerPC
® 860 and PowerPC II high-speed synchronous MicroProcessor Interface that can be used
for configuration, readback, device control, and device status; as well as for a general-purpose interface to the
FPGA logic, RAMs, and embedded standard cell blocks. Glueless interface to synchronous
PowerPC processors
with user-configurable address space provided.
• New embedded
AMBA ™ specification 2.0 AHB system bus (ARM
® processor) facilitates communication among
the MicroProcessor Interface, configuration logic, and embedded core blocks.
• FPSC Design Kit available for use with
ispLEVER development system software. Supported by industry-stan-
dard CAE tools for design entry, synthesis, simulation, and timing analysis.
SPI4 Interface Blocks - Overview
The ORSPI4 FPSC provides two independent SPI4 interface blocks in the embedded core. The two SPI4 blocks
are identical and the following overview applies to both blocks. In the following sections, the SPI4 protocol conven-
tions for “transmit” and “receive” are not followed, since in various applications the ORSPI4 FPSC could be used to
perform different functions at various levels in the SPI4 protocol stack. Instead, the “transmit” functions are those
used to transmit data to and receive current status information from the device at the other end of the SPI4 link.
The “receive” functions are those used to receive data from and transmit current status information to the device at
the other end of the SPI4 link.
Each SPI4 block supports a standard 10 Gbits/s physical-to-link layer interface in conformance to the specification.
This is achieved by using 16 LVDS pairs each for RX and TX that operate at a maximum data rate of 900 Mbits/s
with a 450 MHz DDR clock. Data buffering of 8 Kbytes each in the transmit and receive direction (example: 256
bytes each for up to 32 ports) is provided by embedded Dual-Port RAM (DPRAM). Aggregation of buffer space is
supported for systems with less than 32 ports. The internal calendar and Transmit and Receive Status FIFOs have
been sized so that applications with larger numbers of ports can be supported. The ORSPI4 has been designed to
support up to 256 ports, the maximum specified in the SPI4 specification.
Despite operating independently, both the transmit path and the receive path logic perform similar functions and
the partitioning of both logical blocks are quite similar as shown in Figure 3. The top level partitioning is between
the logic blocks to transfer and process data and control information, and the logic blocks to generate, transfer and
process status information.
SPI4 Interface Block Features
• Each SPI4 block provides a standard 10 Gbits/s physical-to-link layer interface in conformance to the OIF-SPI4-
02.0 specification. Each interface provides an aggregate bandwidth of 13.6 Gbits/s. This is achieved by using 16
LVDS pairs each for RX and TX with a maximum data rate of 900 Mbits/s using a 450 MHz DDR clock.
• The blocks can be used for applications such as interconnecting an OC-192 framer with a proprietary packetized
interface, to a network processor with a SPI4 based packet interface or vice versa.
• Support for “static” or “dynamic” alignment at the receive interface. At clock rates above 350 MHz DDR, it
becomes difficult to meet the tight setup/hold requirements at the receiver using static alignment. In this case,
dynamic alignment is used to compensate for bit-to-bit skew.
• Dynamic alignment automatically compensates for Process, Voltage, and Temperature (PVT) changes in devices
and systems.
– Full bandwidth up to 450 MHz DDR (900 Mbits/s throughput)
– Dynamically performs alignment based on 16 phases of the RX clock for improved accuracy
– Alignment algorithm can be done based on excessive bit errors on the DIP-4 calculation
– Clock skews up to +/- one clock cycle can be compensated by the dynamic alignment logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com