Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 87 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 87 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 83Page - Lattice Semiconductor ORSPI4 Datasheet HTML 84Page - Lattice Semiconductor ORSPI4 Datasheet HTML 85Page - Lattice Semiconductor ORSPI4 Datasheet HTML 86Page - Lattice Semiconductor ORSPI4 Datasheet HTML 87Page - Lattice Semiconductor ORSPI4 Datasheet HTML 88Page - Lattice Semiconductor ORSPI4 Datasheet HTML 89Page - Lattice Semiconductor ORSPI4 Datasheet HTML 90Page - Lattice Semiconductor ORSPI4 Datasheet HTML 91Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
87
set to ‘0’ which means that the core will terminate a 4-word burst when EOP occurs and start transmission of the
next set of data. Note that a new FIFO address ‘p’ is provided during the last 4-word burst of address ‘n’. This
absorbs the 2-clock latency from the time a new address is presented to the DPRAM and the time read data is pre-
sented to the user.
As shown in Figure 34, when the ASTOP_ON_EOPj is asserted, 2 idle clock cycles are inserted after an EOP
occurs. During these idle cycles, the byte enable bits are set to all ‘0’s indicating that the read data is not valid. After
the idle cycles, the core continues to provide read data. The ASTOP_ON_EOPj signal can be asserted anytime
and held high for any length of time during a read data transfer.
At any time, the user can poll for the status of a FIFO within a DPRAM bank by providing just the read address
SPIA_RX32_ADDR_j without providing the read enable. Note that the timing diagram shown in Figure 33 and Fig-
ure 34 indicate a FIFO size of 16 locations. Each location contains four 32-bit data words. Thus when
SPIA_RX32_FIFO_EMPTY_j flag is ‘1’ and RX_DPRAM_EMPTY_TYPE_SELA[j] software register bit in address
30920 is set to ‘1’, it implies that the FIFO has three 4-word data left (1/4 * 16 locations - 1).
As shown in Figure 35, the ERR signal indicates that the corresponding packet is in error. The ERR signal can be
asserted by the ORSPI4 core several clock cycles before EOP and remains asserted until EOP occurs. However,
the user is always required to use the ERR signal in conjunction with the EOP signal. Irrespective of the ERR signal
being asserted, the core always transmits the entire packet. Thus, it is relevant for the user application to sample
the ERR signal simultaneously with EOP. Users should also be aware that this is in asymmetry with the transmit
SPI4 core’s behavior. In the transmit direction, user always asserts ERR signal during an EOP only. Thus, if any
loopback is performed from the receive SPI4 (A or B) to the transmit SPI4 (A or B), the user should ensure that the
received ERR signal is not wired directly to the corresponding transmit ERR signal, but follows the transmit protocol
of providing an ERR signal only in the same clock cycle as an EOP and not earlier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com