Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 15 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 15 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 11Page - Lattice Semiconductor ORSPI4 Datasheet HTML 12Page - Lattice Semiconductor ORSPI4 Datasheet HTML 13Page - Lattice Semiconductor ORSPI4 Datasheet HTML 14Page - Lattice Semiconductor ORSPI4 Datasheet HTML 15Page - Lattice Semiconductor ORSPI4 Datasheet HTML 16Page - Lattice Semiconductor ORSPI4 Datasheet HTML 17Page - Lattice Semiconductor ORSPI4 Datasheet HTML 18Page - Lattice Semiconductor ORSPI4 Datasheet HTML 19Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
15
Figure 4. SERDES Top Level Block Diagram.
The serial channels can each operate at up to 3.7 Gbits/s (2.96 Gbits/s data rate) with a full-duplex synchronous
interface with built-in clock recovery (CDR). The 8b/10b encoding provides guaranteed ones density for the CDR,
byte alignment, and error detection. The core is also capable of frame synchronization and physical link monitoring.
An overview of the individual blocks in the embedded core is presented in the following paragraphs. The SERDES
portion of the core contains a quad transceiver block for serial data transmission at a selectable data rate of 0.6 to
3.7 Gbits/s. Each SERDES channel features high-speed 8b/10b parallel I/O interfaces to other core blocks and
high-speed CML interfaces to the serial links.
Serializer and Deserializer (SERDES)
The SERDES portion of the core contains a transceiver block for serial data transmission at a selectable data rate
of 0.6-3.7 Gbits/s. Each SERDES channel features high-speed 8b/10b parallel I/O interfaces to other core blocks
and high-speed CML interfaces to the serial links.
The SERDES circuitry consists of receiver, transmitter, and auxiliary functional blocks. The receiver accepts high-
speed (up to 3.7 Gbits/s) serial data. Based on data transitions, the receiver locks an analog receive PLL for each
channel to retime the data, then demultiplexes the data down to parallel bytes and an accompanying clock.
The transmitter operates in the reverse direction. Parallel bytes are multiplexed up to 3.7 Gbits/s serial data for off-
chip communication. The transmitter generates the necessary clocks from a lower speed reference clock.
The transceiver is controlled and configured through the system bus in the FPGA logic and through the external 8-
bit microprocessor interface of the FPGA. Each channel has associated dedicated registers that are readable and
writable. There are also global registers for control of common circuitry and functions.
The SERDES performs 8b/10b encoding and decoding for each channel. The 8b/10b transmission code can sup-
port either Ethernet or Fibre Channel specifications for serial encoding/decoding, special characters, and error
detection.
The user can disable the 8b/10b decoder to receive raw 10-bit words, which will be rate reduced by the SERDES. If
this mode is chosen, the user must also bypass the multichannel alignment FIFOs.
The SERDES macrocell contains its own dedicated PLLs for both transmit and receive clock generation. The user
provides a reference clock of the appropriate frequency. The receiver PLLs extract the clock from the serial input
data and re-time the data with the recovered clock.
MUX/DEMUX Block
The MUX/DEMUX logic converts the data format for the high-speed serial links to a wide, low-speed format for
crossing the CORE/FPGA interface. The intermediate interface to the SERDES macrocell runs at 1/10th the bit
SERDES w/
CLOCK/DATA
BYTE-
WIDE
DATA
8b/10b
DECODER/ENCODER
4 FULL-
0.6 Gbits/s
DATA
DUPLEX
SERIAL
CHANNELS
TO
3.7 Gbits/s
0.6 Gbits/s
DATA
TO
3.7 Gbits/s
CML
I/Os
ORCA
SERIES 4
FPGA LOGIC
STANDARD
FPGA I/Os
4:1 MUX/1:4 DEMUX
RECOVERY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com