Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 66 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 66 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 62Page - Lattice Semiconductor ORSPI4 Datasheet HTML 63Page - Lattice Semiconductor ORSPI4 Datasheet HTML 64Page - Lattice Semiconductor ORSPI4 Datasheet HTML 65Page - Lattice Semiconductor ORSPI4 Datasheet HTML 66Page - Lattice Semiconductor ORSPI4 Datasheet HTML 67Page - Lattice Semiconductor ORSPI4 Datasheet HTML 68Page - Lattice Semiconductor ORSPI4 Datasheet HTML 69Page - Lattice Semiconductor ORSPI4 Datasheet HTML 70Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
66
FPGA Sourced Data and Control
In this mode, the FPGA sends data into the embedded core relative to the rising edge of it’s own clock as well as
providing the clock for the embedded core. The embedded core uses the FPGA clock to register all input data and
control signals. Figure 27 shows the Worst Case Slow and Worst Case Fast propagation delays for the FPGA input
data and control signals as well as the clock signal.
For guaranteed performance it is important that all input signals from the FPGA be registered before being sent
into the embedded core.
Clocking Schemes and Timing Diagrams - Transmit DPRAM Interface
Figure 27. Data: SPI[A,B]_DATA/SOP/EOP/BE/ERR/PORT/WE/ADDR/SPI[A,B]_TXk_WD_CNT_RST
/LINK_DIS
Clock: SPI[A,B]_k_CLK_[3:0]; k=32, 64,128
Embedded Core Sourced Status
The embedded core sources port and status information relative to a buffered version of the externally provided ref-
erence clock (TREFCLK). The FPGA receives both the status information and clock, and can use the provided
clock to synchronize all status information for it’s own use. Figure 28 shows the Worst Case Slow and Worst Case
Fast propagation delays for the embedded core output status signals as well as the clock signal.
With the given timing delays the FPGA logic can either immediately register the provided status information or, if
required, implement some combinatorial logic function before registering the information.
Q
3.5/0.5 ns
1.5/0.5 ns
D
4.81 / 1.18 ns
FPGA
Embedded Core
C
1.36/ 0.47 ns
D1
Setup = 2.6 ns
Hold = - 0.32 ns
NOTE: Delays represent average max/min values, not absolute values
Delay
Delay
Buffer
Delay
Actual delay values are used by
ispLEVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com