Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 80 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 80 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 76Page - Lattice Semiconductor ORSPI4 Datasheet HTML 77Page - Lattice Semiconductor ORSPI4 Datasheet HTML 78Page - Lattice Semiconductor ORSPI4 Datasheet HTML 79Page - Lattice Semiconductor ORSPI4 Datasheet HTML 80Page - Lattice Semiconductor ORSPI4 Datasheet HTML 81Page - Lattice Semiconductor ORSPI4 Datasheet HTML 82Page - Lattice Semiconductor ORSPI4 Datasheet HTML 83Page - Lattice Semiconductor ORSPI4 Datasheet HTML 84Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
80
Receive Address Mapper
This control block decodes the port address received from the SPI4 RX interface to determine the physical memory
address (to access the DPRAM memories) for that port address. Each port address must be mapped to one of the
virtual FIFOs in the DPRAMs. Each virtual FIFO can be used to buffer data for a single port. Since there is a total
of four DPRAMs, eight virtual FIFOs in each DPRAM provides 32 per-port buffers. The number of per-port buffers
varies according to the operating mode. For example, in 32-bit mode, a total of 32 per-port buffers is possible. In
64-bit mode, a total of 16 per-port buffers is provided. In 128-bit mode, a total of eight per-port buffers is provided.
To decode the physical memory information, this block accesses a user-configured Port Descriptor Memory (PDM)
which is simply a look-up-table. The PDM is an embedded memory within the ORSPI4 core. There is one each for
SPIA and SPIB cores. Since 256 ports can be supported by the device, the PDM has 256 locations. The user
indexes this memory using the 8-bit SPI4 Port ID as the software write address into the embedded memory space
31000 - 310FF. For example, a software write into address 31000 configures the PDM for port ID 0. The software
procedure to configure the PDM is described below:
• User has to select the PDM by writing a ‘1’ into bit 3 of address 30917 (SPIA) or 30A17 (SPIB).
• Subsequent writes to addresses 31000-310FF correspond to entries 0x00-0xFF in the PDM. These may be writ-
ten in any order.
• Upon completion of the PDM configuration, the PDM select bit (bit 3 of address 30917 or 30A17) must be set to
‘0’.
• The contents of the PDM may also be read back. This is done by first selecting the PDM memory by writing a ‘1’
to bit 3 of address 30917 or 30A17. Reads are then done from addresses 31000-310FF. Upon completion of the
reads, the PDM select bit is set to ‘0’.
To allocate a buffer space to a port, the user has to choose one of the four DPRAM banks (BANK_ID field in the
PDM) and a virtual FIFO (PARTITION_ID) within the chosen DPRAM bank. Each location in the PDM contains the
fields described below for each port address.
10
00
128-bit data width, partition size 1
01
128-bit data width, partition size 2
10
128-bit data width, partition size 4
11
128-bit data width, partition size 8
DPRAM 3
(Register Bits 6:7) = 00
Register Bits 6:7 = 00
32-bit data width, partition size 1
01
32-bit data width, partition size 2
10
32-bit data width, partition size 4
11
32-bit data width, partition size 8
01
00
64-bit data width, partition size 1
01
64-bit data width, partition size 2
10
64-bit data width, partition size 4
11
64-bit data width, partition size 8
10
00
128-bit data width, partition size 1
01
128-bit data width, partition size 2
10
128-bit data width, partition size 4
11
128-bit data width, partition size 8
DPRAM Aggregation
Mode
Address 30907 (SPIA),
30A07 (SPIB)
Virtual FIFO Partition Size
Address 30906 (SPIA),
30A06 (SPIB)
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com