Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 65 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 65 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 61Page - Lattice Semiconductor ORSPI4 Datasheet HTML 62Page - Lattice Semiconductor ORSPI4 Datasheet HTML 63Page - Lattice Semiconductor ORSPI4 Datasheet HTML 64Page - Lattice Semiconductor ORSPI4 Datasheet HTML 65Page - Lattice Semiconductor ORSPI4 Datasheet HTML 66Page - Lattice Semiconductor ORSPI4 Datasheet HTML 67Page - Lattice Semiconductor ORSPI4 Datasheet HTML 68Page - Lattice Semiconductor ORSPI4 Datasheet HTML 69Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
65
Figure 26. Dummy Write Requirement for MIN_BURST_MODE (32-Bit Mode)
SPI4 FPGA/Embedded Core Timing Delays
When designing application logic within the FPGA to interface with the embedded core, it is important to consider
the input setup and hold time requirements of the embedded core logic. There are two directions for signaling infor-
mation between the FPGA and the embedded core. The first is where the FPGA sources transmit data and associ-
ated control signals into the embedded core. Data in this direction is always synchronous to the clock source within
the FPGA. The other data path direction is used to convey Calendar port and status information from the embed-
ded core to the FPGA. All signals in this category are synchronous to the buffered reference clock within the
embedded core. All timing is handled in the
ispLEVER software using frequency preferences on the associated
clocks.
If EOP occurs in any write EXCEPT last
four writes for a given BURST_VAL,
must include 1 dummy write before
terminating writes for the port
Dummy Write:
SPI[A,B]_TX32_ERR_j = 1
SPI[A,B]_TX32_EOP_j = 0
SPI[A,B]_TX32_BE_j(3:0) = 0xF
SPI[A,B]_TX32_DATA = Donít Care
BURST_VAL = n
1
2
n
32-bit
EOP
OK
n-2
If EOP occurs in last four writes as
defined by the BURST_VAL, then no
dummy write is required
DUMMY
WRITE
n-1
EOP
OK
32-bit
32-bit
32-bit
.
.
.
EOP
OK
EOP
OK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com