Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 71 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 71 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 67Page - Lattice Semiconductor ORSPI4 Datasheet HTML 68Page - Lattice Semiconductor ORSPI4 Datasheet HTML 69Page - Lattice Semiconductor ORSPI4 Datasheet HTML 70Page - Lattice Semiconductor ORSPI4 Datasheet HTML 71Page - Lattice Semiconductor ORSPI4 Datasheet HTML 72Page - Lattice Semiconductor ORSPI4 Datasheet HTML 73Page - Lattice Semiconductor ORSPI4 Datasheet HTML 74Page - Lattice Semiconductor ORSPI4 Datasheet HTML 75Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
71
1
SPIA_RX32_ADDR_1[2:0]
FPGA
→ Core FIFO read address.
SPIA_RX32_DATA_1[31:0]
Core
→FPGA FIFO read data.
SPIA_RX32_BE_1[3:0]
Core
→FPGA Byte enables
Bit 3 - Byte enable for SPIA_RX32_DATA_1[31:24]
Bit 2 - Byte enable for SPIA_RX32_DATA_1[23:16]
Bit 1 - Byte enable for SPIA_RX32_DATA_1[15:8]
Bit 0 - Byte enable for SPIA_RX32_DATA_1[7:0]
SPIA_RX32_CTL_1
Core
→FPGA Port ID indicator. A ‘1’ indicates that the SPIA_RX32_DATA_1 bus contains
the port ID.
SPIA_RX32_SOP_1
Core
→FPGA Start of Packet Indicator. A ‘1’ indicates start of packet.
SPIA_RX32_EOP_1
Core
→FPGA End of Packet Indicator. A ‘1’ indicates end of packet.
SPIA_RX32_ERR_1
Core
→FPGA Error. A ‘1’ indicates an error in the current word.
SPIA_RX32_FIFO_EMPTY_1 Core
→FPGA FIFO Empty flag. Depends on the RX_DPRAM_EMPTY_TYPE_SELA[1]
software register bit in address 0x30920. When this bit is set to ‘0’, (default)
the empty flag indicates truly empty.
When this bit is set to ‘1’, the empty flag indicates that the FIFO is 1/4 full -1.
ASTOP_ON_EOP1
FPGA
→ Core Timing control for handling end of packet.
SPIA_RX32_CLK_1
FPGA
→ Core FIFO read clock.
SPIA_RX32_RD_1
FPGA
→ Core FIFO read enable.
2
SPIA_RX32_ADDR_2[2:0]
FPGA
→ Core FIFO read address.
SPIA_RX32_DATA_2[31:0]
Core
→FPGA FIFO read data.
SPIA_RX32_BE_2[3:0]
Core
→FPGA Byte enables
Bit 3 - Byte enable for SPIA_RX32_DATA_2[31:24]
Bit 2 - Byte enable for SPIA_RX32_DATA_2[23:16]
Bit 1 - Byte enable for SPIA_RX32_DATA_2[15:8]
Bit 0 - Byte enable for SPIA_RX32_DATA_2[7:0]
SPIA_RX32_CTL_2
Core
→FPGA Port ID indicator. A ‘1’ indicates that the SPIA_RX32_DATA_2 bus contains
the port ID.
SPIA_RX32_SOP_2
Core
→FPGA Start of Packet Indicator. A ‘1’ indicates start of packet.
SPIA_RX32_EOP_2
Core
→FPGA End of Packet Indicator. A ‘1’ indicates end of packet.
SPIA_RX32_ERR_2
Core
→FPGA Error. A ‘1’ indicates an error in the current word.
SPIA_RX32_FIFO_EMPTY_2 Core
→FPGA FIFO Empty flag. Depends on the RX_DPRAM_EMPTY_TYPE_SELA[2]
software register bit in address 0x30920. When this bit is set to ‘0’, (default)
the empty flag indicates truly empty.
When this bit is set to ‘1’, the empty flag indicates that the FIFO is 1/4 full -1.
ASTOP_ON_EOP2
FPGA
→ Core Timing control for handling end of packet.
SPIA_RX32_CLK_2
FPGA
→ Core FIFO read clock.
SPIA_RX32_RD_2
FPGA
→ Core FIFO read enable.
Table 12. SPIA Core Receive FPGA Interface in 32-Bit Mode (Continued)
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com