Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 37 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 37 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 33Page - Lattice Semiconductor ORSPI4 Datasheet HTML 34Page - Lattice Semiconductor ORSPI4 Datasheet HTML 35Page - Lattice Semiconductor ORSPI4 Datasheet HTML 36Page - Lattice Semiconductor ORSPI4 Datasheet HTML 37Page - Lattice Semiconductor ORSPI4 Datasheet HTML 38Page - Lattice Semiconductor ORSPI4 Datasheet HTML 39Page - Lattice Semiconductor ORSPI4 Datasheet HTML 40Page - Lattice Semiconductor ORSPI4 Datasheet HTML 41Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
37
1
SPIA_TX64_ERR_1
FPGA
→ Core
Packet error indication. A '1' indicates an error has occurred for the current
packet being transmitted. The ERR signal must be asserted coincident with
the EOP signal.
When an EOP is detected by the DPRAM Write Pointer Logic, the address
pointer will be automatically incremented to the next location within the
FIFO partition range.
SPIA_TX64_WE_1
FPGA
→ Core
Write Enable. A logic '1' causes data on the SPIA_TX64_DATA_1[63:0] bus
to be captured for a write to the DPRAM.
SPIA_TX64_PORT_1[7:0]
FPGA
→ Core
SPI4 port indicator, used to associate the current transmit data with a par-
ticular port number.
SPIA_TX64_WD_CNT_RST_
1
FPGA
→ Core
Line Write Termination indicator. This signal causes the FIFO write address
pointer within the embedded core to increment to the next address location
for the addressed partition. This signal can be used for custom applications
as well as for diagnostic test functions.
SPIA_TX64_LINK_DIS_1
FPGA
→ Core
Link disable control signal. When asserted to a logic '1', the AMA will cease
polling from a DPRAM. All ports associated with a disabled DPRAM will
remain unserviced until the control signal is deasserted. The AMA will send
IDLE data across the SPI4 link. If the application continues to write data to
that port FIFO, it will eventually fill and provide proper FIFO fill status to the
application.
SPIA_TX64_CLK_1
FPGA
→ Core
Transmit write clock reference. The clocks across the different transmit
interfaces are independent from each other, and are not required to be syn-
chronous to each other.
SPIA_TX64_FIFO_FULL_1
Core
→FPGA
FIFO full status. The status is given in response to the assertion of any
valid address on the SPIA_TX64_ADDR_1[2:0] bus. This signal will be
asserted to a logic '1' when the current FIFO partition has crossed the con-
figured fill level within the partition.
Status
/Os
SPIA_TX64_PORT_ID[7:0]
Core
→FPGA
Port number of the currently serviced SPI4 data port. The value can either
be the actual SPI4 value or a programmed user value. Further details are
provided in the TX Calendar Control Logic description.
SPIA_TX64_STAT[1:0]
Core
→FPGA
Status of the SPI4 port currently being serviced. These signals can be
used in conjunction with the FIFO partition FIFO to police transmit traffic
congestion for a particular SPI4 port.
SPIA_TX64_BURST_VAL[3:0]
Core
→FPGA
Indicates the number of SPI4 cycles the currently active port will be ser-
viced. Each cycle indicates an attempt to read 128 bits of data from the
respective FIFO partition.
SPIA_TREFCLK_X8
FPGA
→ Core
Transmit reference clock. This clock signal is 1/4th the SPI4 clock. This sig-
nal can be used to synchronize FPGA application logic to the FPSC logic.
Misc.
I/Os
SPI_SATM_A
FPGA
→ Core ‘0’ - Incoming ATSCLK is assumed to be edge-aligned with the data and
centered to the data eye within the chip.
‘1’ - Incoming ATSCLK is assumed to be skewed with respect to the data
off-chip.
Table 4. SPIA Core Transmit FPGA Interface in 128-Bit Mode
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
0
SPIA_TX128_ADDR[2:0]
FPGA
→ Core
Virtual FIFO Write Address. Each DPRAM can be divided up to a maximum
of eight partitions. When operating in 128-bit mode, each partition will be 4x
the depth of the corresponding partition in 32-bit mode. More than one port
can be configured to share a virtual FIFO partition.
SPIA_TX128_DATA[127:0]
FPGA
→ Core User Write data. A single write will complete an entire 128-bit line.
Note: For SPIB replace A with B
Table 3. SPIA Core Transmit FPGA Interface in 64-Bit Mode (Continued)
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com