Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 35Page - Lattice Semiconductor ORSPI4 Datasheet HTML 36Page - Lattice Semiconductor ORSPI4 Datasheet HTML 37Page - Lattice Semiconductor ORSPI4 Datasheet HTML 38Page - Lattice Semiconductor ORSPI4 Datasheet HTML 39Page - Lattice Semiconductor ORSPI4 Datasheet HTML 40Page - Lattice Semiconductor ORSPI4 Datasheet HTML 41Page - Lattice Semiconductor ORSPI4 Datasheet HTML 42Page - Lattice Semiconductor ORSPI4 Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
39
0
SPIA_TX128_EOP
FPGA
→ Core
End of Packet indicator. A '1' indicates the end of packet for a particular
port.
When an EOP is detected by the DPRAM Write Pointer Logic, the address
pointer will be automatically incremented to the next location within the
FIFO partition range.
SPIA_TX128_ERR
FPGA
→ Core Packet error indication. A '1' indicates an error has occurred for the current
packet being transmitted. The ERR signal must be asserted coincident with
the EOP signal.
SPIA_TX128_WE
FPGA
→ Core Write Enable. A logic '1' causes data on the SPIA_TX128_DATA_0[127:0]
bus to be captured for a write to the DPRAM.
SPIA_TX128_PORT[7:0]
FPGA
→ Core SPI4 port indicator, used to associate the current transmit data with a par-
ticular port number.
SPIA_TX128_WD_CNT_RST
FPGA
→ Core Line Write Termination indicator. This signal causes the FIFO write address
pointer within the embedded core to increment to the next address location
for the addressed partition. This signal can be used for custom applications
as well as for diagnostic test functions.
SPIA_TX128_LINK_DIS_0
FPGA
→ Core Link disable control signal. When asserted to a logic '1', the AMA will cease
polling from a DPRAM. All ports associated with a disabled DPRAM will
remain unserviced until the control signal is deasserted. The AMA will send
IDLE data across the SPI4 link. If the application continues to write data to
that port FIFO, it will eventually fill and provide proper FIFO fill status to the
application.
SPIA_TX128_CLK
FPGA
→ Core Transmit write reference clock. There is a single clock per SPI4 interface
when operating in 128-bit mode.
SPIA_TX128_FIFO_FULL
Core
→FPGA FIFO full status. The status is given in response to the assertion of any
valid address on the SPIA_TX128_ADDR[2:0] bus. This signal will be
asserted to a logic '1' when the current FIFO partition has crossed the con-
figured fill level within the partition.
Status
I/Os
SPIA_TX128_PORT_ID[7:0]
Core
→FPGA Port number of the currently serviced SPI4 data port. The value can either
be the actual SPI4 value or a programmed user value. Further details are
provided in the TX Calendar Control Logic description.
SPIA_TX128_STAT[1:0]
Core
→FPGA Status of the SPI4 port currently being serviced. These signals can be
used in conjunction with the SPIA_TX32_PORT_ID signal to police trans-
mit traffic congestion for a particular SPI4 port.
SPIA_TX128_BURST_VAL[3:
0]
Core
→FPGA Indicates the number of SPI4 cycles for which the currently active port will
be serviced. Each cycle indicates an attempt to read 128 bits of data from
the respective FIFO partition.
ATREFCLK_F
Core
→FPGA Transmit reference clock. This clock signal is 1/4th the SPI4 clock. This sig-
nal can be used to synchronize FPGA application logic to the FPSC logic.
SPIA_TREFCLK_X8
FPGA
→ Core Quarter-rate Transmit reference clock. This FPGA-sourced clock reference
must be 2x the desired Transmit SPI4 line clock rate. When not operating
the Transmit SPI4 core in Quarter-rate mode, this signal should be tied off.
Ex: For a 100 MHz Transmit SPI4 line clock, SPIA_TREFCLK_X8 from the
FPGA must be 200 MHz.
Misc.
I/Os
SPI_SATM_A
FPGA
→ Core ‘0’ - Incoming ATSCLK is assumed to be edge-aligned with the data and
centered to the data eye within the chip.
‘1’ - Incoming ATSCLK is assumed to be skewed with respect to the data
off-chip.
Table 4. SPIA Core Transmit FPGA Interface in 128-Bit Mode (Continued)
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com