Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 98 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 98 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 94Page - Lattice Semiconductor ORSPI4 Datasheet HTML 95Page - Lattice Semiconductor ORSPI4 Datasheet HTML 96Page - Lattice Semiconductor ORSPI4 Datasheet HTML 97Page - Lattice Semiconductor ORSPI4 Datasheet HTML 98Page - Lattice Semiconductor ORSPI4 Datasheet HTML 99Page - Lattice Semiconductor ORSPI4 Datasheet HTML 100Page - Lattice Semiconductor ORSPI4 Datasheet HTML 101Page - Lattice Semiconductor ORSPI4 Datasheet HTML 102Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
98
Figure 43. Far End Loopback
Far End Loopback Setup
The following three step procedure will set up the ORSPI4 into far end loopback mode:
1.
Set up the external connections to the ORSPI4 such that the RDAT, RDCLK, and RCTL SPI-4 ports are all
receiving signals. (If in quarter rate mode, the FPGA-sourced clock reference signal SPI[A,B]_TREFCLK_X8
must be supplied at twice the rate as the applied [A,B]RDCLK SPI-4 port clock.
2.
Configure the appropriate ORSPI4 register as shown in Table 25. Note that either choice of LVTTL or LVDS for
status buffer is acceptable for far end loopback, although the choice will affect the status port timing. Also note
that bits 6 and 7 (TX_FORCE_DIP4_ERR and RX_FORCE_DIP2_ERR) do not affect the operation of far end
loopback.
3.
Reset the appropriate SPI4 block with control signal FPGA_RESET_S4[A,B].
TDAT[15:0]
TCTL
TDCLK
SPI4 I/F
TDO
TREFCLK
TSI
TSTAT[1:0]
TSCLK
RDAT[15:0]
RCTL
RDCLK
RDI
RSO
RSTAT[1:0]
RSCLK
TDP
128-bit
data+ctl
TSP
DPRAMs
+ associated
logic
Port write
Sequencer
TX
FPGA
RDP
RSP
DPRAMs
+ associated
logic
Port Status
Sequencer
clk
128-bit
data+ctl
clk
RX
Embedded Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com