Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 31 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 31 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 27Page - Lattice Semiconductor ORSPI4 Datasheet HTML 28Page - Lattice Semiconductor ORSPI4 Datasheet HTML 29Page - Lattice Semiconductor ORSPI4 Datasheet HTML 30Page - Lattice Semiconductor ORSPI4 Datasheet HTML 31Page - Lattice Semiconductor ORSPI4 Datasheet HTML 32Page - Lattice Semiconductor ORSPI4 Datasheet HTML 33Page - Lattice Semiconductor ORSPI4 Datasheet HTML 34Page - Lattice Semiconductor ORSPI4 Datasheet HTML 35Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
31
1
SPIA_TX32_ADDR_1[2:0]
FPGA
→ Core Virtual FIFO Write Address. Each DPRAM can be divided up to a maximum
of eight partitions. More than one port can be configured to share a virtual
FIFO partition.
SPIA_TX32_DATA_1[31:0]
FPGA
→ Core User Write data. Four writes are required in order to complete an entire
128-bit line. All writes must occur in four write bursts, unless an EOP
occurs.
SPIA_TX32_BE_1[3:0]
FPGA
→ Core Byte enables indicating which bytes within the 32-bit word are valid.
Bit[3]-Byte enable for SPIA_TX32_DATA_0[31:24]
Bit[2]-Byte enable for SPIA_TX32_DATA_0[23:16]
Bit[1]-Byte enable for SPIA_TX32_DATA_0[15:8]
Bit[0]-Byte enable for SPIA_TX32_DATA_0[7:0]
If no BE bits are asserted for a particular location within the DPRAM, port
data will be dropped and no write to the DPRAM will occur.
According to the SPI-4.2 specification, the BE bits must be asserted for all
but the last transfer, where an End of Packet or Error may occur. The valid
combinations of BE are as follows:
BE[3:0] = 1111--indicates all four bytes contain valid user data
BE[3:0] = 1110--indicates three bytes are valid. EOP occurs in third Byte.
BE[3:0] = 1100--indicates two bytes are valid. EOP occurs in second Byte.
BE[3:0] = 1000--indicates one byte is valid. EOP occurs in first Byte.
SPIA_TX32_SOP_1
FPGA
→ Core Start of Packet indicator. A '1' indicates the start of packet for a particular
port. When operating in either 32- or 64-bit mode, the SOP indicator must
be asserted coincident with the first write per address line within the FIFO
partition.
SPIA_TX32_EOP_1
FPGA
→ Core End of Packet indicator. A '1' indicates the end of packet for a particular
port. The EOP may be asserted on any write per address line within the
FIFO partition.
When an EOP is detected by the DPRAM Write Pointer Logic, the address
pointer will be automatically incremented to the next location within the
FIFO partition range.
SPIA_TX32_ERR_1
FPGA
→ Core Packet error indication. A '1' indicates an error has occurred for the current
packet being transmitted. The ERR signal must be asserted coincident with
the EOP signal.
SPIA_TX32_WE_1
FPGA
→ Core Write Enable. A logic '1' causes data on the SPIA_TX32_DATA_1[31:0] bus
to be captured for a write to the DPRAM.
SPIA_TX32_PORT_1[7:0]
FPGA
→ Core SPI4 port indicator, used to associate the current transmit data with a par-
ticular port number.
SPIA_TX32_WD_CNT_RST_
1
FPGA
→ Core Line Write Termination indicator. This signal causes the FIFO write address
pointer within the embedded core to increment to the next address location
for the addressed partition. This signal can be used for custom applications
as well as for diagnostic test functions.
SPIA_TX32_LINK_DIS_1
FPGA
→ Core Link disable control signal. When asserted to a logic '1', the AMA will cease
polling from a DPRAM. All ports associated with a disabled DPRAM will
remain unserviced until the control signal is deasserted. The AMA will send
IDLE data across the SPI4 link. If the application continues to write data to
that port FIFO, it will eventually fill and provide proper FIFO fill status to the
application.
SPIA_TX32_CLK_1
FPGA
→ Core Transmit write reference clock. The clocks across the different transmit
interfaces are independent from each other, and are not required to be syn-
chronous to each other.
SPIA_TX32_FIFO_FULL_1
Core
→FPGA FIFO full status. The status is given in response to the assertion of any
valid address on the SPIA_TX32_ADDR_1[2:0] bus. This signal will be
asserted to a logic '1' when the current FIFO partition has crossed the con-
figured fill level within the partition.
Table 2. SPIA Core Transmit FPGA Interface in 32-Bit Mode (Continued)
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com