Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 81 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 81 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 77Page - Lattice Semiconductor ORSPI4 Datasheet HTML 78Page - Lattice Semiconductor ORSPI4 Datasheet HTML 79Page - Lattice Semiconductor ORSPI4 Datasheet HTML 80Page - Lattice Semiconductor ORSPI4 Datasheet HTML 81Page - Lattice Semiconductor ORSPI4 Datasheet HTML 82Page - Lattice Semiconductor ORSPI4 Datasheet HTML 83Page - Lattice Semiconductor ORSPI4 Datasheet HTML 84Page - Lattice Semiconductor ORSPI4 Datasheet HTML 85Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
81
Partition Address (PA): This is the least significant 3-bit field [2:0] within a PDM location. This field provides the
virtual FIFO partition address for each port. Each partition is of equal size. There can be a total of 8 virtual FIFO
partitions within each DPRAM bank.
BANK_ID: This occupies bits 4:3 within a PDM location. This 2-bit field is used to select one of the four DPRAM
banks to store the received data. The user initially assigns this information by programming the BANK_ID. Legal
values for the BANK_ID depend on the operating mode. In 32-bit mode, the legal values are 0,1,2 and 3. In 64-bit
mode, the legal values are 0 and 2. In 64-bit mode, the legal value is only 0.
While programming the PDM allocates a buffer for every port (or multiple ports), the buffer sizes themselves are
configured by the user through software register settings for
• DPRAM aggregation mode (Address 30907 for SPIA and 30A07 for SPIB. Refer to Table 18)
• Number of virtual FIFOs in a DPRAM (Address 30906 for SPIA and 30A06 for SPIB. Refer to Table 17).
Figure 31 shows a block diagram of the Port Description Memory.
Figure 31. Receive Address Mapper Block Diagram
Virtual Receive Memory FIFOs (Partitions) and Port Mapping
As was the case for the transmit logic, there are up to 32 virtual receive FIFO partitioning, 256 port numbers and
the receive calendar can contain up to 1023 entries. The user must set up the mapping between the FIFO parti-
tions and the port number for each active port. The user must also set up the calendar sequence for polling the
active ports.
The simplest mapping of the read DPRAM partitions, which support a maximum of 32 ports, is to have a 1:1 map-
ping between the FIFO partition and the port address. The 1023 depth of the calendar allows for uneven bandwidth
allocation across ports where high bandwidth ports can have multiple entries within the calendar table.
The read scheduling logic, however, is designed to support up to 256 ports. Each port (up to 32 ports) can have its
unique buffer. A single port or multiple ports can be assigned to a buffer by configuring the PDM. The user must,
using FPGA logic, assure that data is read from the virtual FIFO using the same port sequencing that is expected
PDM Fields
0
255
BANK_ID
PA
Port Descriptor
Software Write
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com