Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 38 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 38 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 34Page - Lattice Semiconductor ORSPI4 Datasheet HTML 35Page - Lattice Semiconductor ORSPI4 Datasheet HTML 36Page - Lattice Semiconductor ORSPI4 Datasheet HTML 37Page - Lattice Semiconductor ORSPI4 Datasheet HTML 38Page - Lattice Semiconductor ORSPI4 Datasheet HTML 39Page - Lattice Semiconductor ORSPI4 Datasheet HTML 40Page - Lattice Semiconductor ORSPI4 Datasheet HTML 41Page - Lattice Semiconductor ORSPI4 Datasheet HTML 42Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
38
0
SPIA_TX128_BE[15:0]
FPGA
→ Core
Byte enables indicating which bytes within the 128-bit word are valid.
Bit[15]-Byte enable for SPIA_TX128_DATA[127:120]
Bit[14]-Byte enable for SPIA_TX128_DATA[119:112]
Bit[13]-Byte enable for SPIA_TX128_DATA[111:104]
Bit[12]-Byte enable for SPIA_TX128_DATA[103:96]
Bit[11]-Byte enable for SPIA_TX128_DATA[95:88]
Bit[10]-Byte enable for SPIA_TX128_DATA[87:80]
Bit[9]-Byte enable for SPIA_TX128_DATA[79:72]
Bit[8]-Byte enable for SPIA_TX128_DATA[71:64]
Bit[7]-Byte enable for SPIA_TX128_DATA[63:56]
Bit[6]-Byte enable for SPIA_TX128_DATA[55:48]
Bit[5]-Byte enable for SPIA_TX128_DATA[47:40]
Bit[4]-Byte enable for SPIA_TX128_DATA[39:32]
Bit[3]-Byte enable for SPIA_TX128_DATA[31:24]
Bit[2]-Byte enable for SPIA_TX128_DATA[23:16]
Bit[1]-Byte enable for SPIA_TX128_DATA[15:8]
Bit[0]-Byte enable for SPIA_TX128_DATA[7:0]
If no BE bits are asserted for a particular location within the DPRAM, data
will be dropped and no write to the DPRAM will occur.
According to the SPI-4.2 specification, the BE bits must be asserted for all
but the last transfer, where an End of Packet or Error may occur. The valid
combinations of BE are as follows:
BE[15:0] = 1111111111111111--indicates all sixteen bytes contain valid
user data. If an EOP is present, it resides within the sixteenth byte.
BE[15:0] = 1111111111111110--indicates fifteen bytes are valid. EOP
occurs in fifteenth Byte.
BE[15:0] = 1111111111111100--indicates fourteen bytes are valid. EOP
occurs in fourteenth Byte.
BE[15:0] = 1111111111111000-indicates thirteen byte is valid. EOP occurs
in thirteenth Byte.
BE[15:0] = 1111111111110000--indicates twelve bytes are valid. EOP
occurs in twelfth Byte.
BE[15:0] = 1111111111100000-indicates eleven bytes are valid. EOP
occurs in eleventh Byte.
BE[15:0] = 1111111111000000--indicates ten bytes are valid. EOP occurs
in tenth Byte.
BE[15:0] = 1111111110000000--indicates nine bytes are valid. EOP occurs
in ninth Byte.
BE[15:0] = 1111111100000000--indicates eight bytes are valid. EOP
occurs in eight Byte.
BE[15:0] = 1111111000000000--indicates seven bytes are valid. EOP
occurs in seventh Byte.
BE[15:0] = 1111110000000000--indicates six bytes are valid. EOP occurs
in sixth Byte.
BE[15:0] = 1111100000000000-indicates five byte is valid. EOP occurs in
fifth Byte.
BE[15:0] = 1111000000000000--indicates four bytes are valid. EOP occurs
in fourth Byte.
BE[15:0] = 1110000000000000-indicates three bytes are valid. EOP
occurs in third Byte.
BE[15:0] = 1100000000000000--indicates two bytes are valid. EOP occurs
in second Byte.
BE[15:0] = 1000000000000000--indicates one byte is valid. EOP occurs in
first Byte.
SPIA_TX128_SOP
FPGA
→ Core
Start of Packet indicator. A '1' indicates the start of packet for a particular
port. When operating in 128-bit mode, the SOP indicator must be asserted
coincident with the first line write to the FIFO partition in order to align the
start of packet data with the SOP sideband signal.
Table 4. SPIA Core Transmit FPGA Interface in 128-Bit Mode (Continued)
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com