Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 3 Page - Lattice Semiconductor

  ORSPI4 Datasheet HTML 1Page - Lattice Semiconductor ORSPI4 Datasheet HTML 2Page - Lattice Semiconductor ORSPI4 Datasheet HTML 3Page - Lattice Semiconductor ORSPI4 Datasheet HTML 4Page - Lattice Semiconductor ORSPI4 Datasheet HTML 5Page - Lattice Semiconductor ORSPI4 Datasheet HTML 6Page - Lattice Semiconductor ORSPI4 Datasheet HTML 7Page - Lattice Semiconductor ORSPI4 Datasheet HTML 8Page - Lattice Semiconductor ORSPI4 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
3
ORSPI4 Overview
The ORSPI4 FPSC provides two SPI4.2 interface blocks, a Memory Controller and a 4-channel SERDES block,
combined with FPGA logic. Based on the 1.5 V OR4E06 ORCA FPGA, it has a 46 x 44 array of Programmable
Logic Cells (PLCs). The embedded core is attached to the right side of the device, as shown below, and is inte-
grated directly into the FPGA array. A top level diagram of the basic chip configuration is shown in Figure 1.
Figure 1. ORSPI4 Basic Chip Configuration
Each of the logic blocks in the embedded core is functionally independent from the other blocks. Connections
between blocks must be made through the FPGA logic. However, one of the SPI4 blocks and the SERDES block
share I/Os. Hence the device may be configured to provide either two SPI4 interfaces or one SPI4 interface and
one serial interface.
What Is an FPSC?
FPSCs, or Field-Programmable System Chips, are devices that combine field-programmable logic with ASIC or
mask-programmed logic on a single device. FPSCs provide the time to market and the flexibility of FPGAs, the
design effort savings of soft Intellectual Property (IP) cores, and the speed, design density, and economy of ASICs.
FPSC Overview
Lattice’s Series 4 FPSCs are created from Series 4
ORCA FPGAs. To create a Series 4 FPSC, several columns of
Programmable Logic Cells are integrated with an embedded logic core. Other than replacing some FPGA gates
with ASIC gates, at greater than 10:1 area efficiency, none of the FPGA functionality is changed—all of the Series
4 FPGA capability is retained including the Embedded Block RAMs, MicroProcessor Interface (MPI), boundary
scan, etc. Pins from the replaced columns of programmable logic are used as I/O pins for the embedded core. The
remainder of the device pins retain their FPGA functionality.
FPSC Gate Counting
The total gate count for an FPSC is the sum of its embedded core (standard-cell/ASIC gates) and its FPGA gates.
Because FPGA gates are generally expressed as a usable range with a nominal value, the total FPSC gate count
is sometimes expressed in the same manner. Standard-cell ASIC gates are, however, 10 to 25 times more silicon-
ORCA 4E06-Based
Programmable Logic
Embedded Core
SPI4.2
I/F
SPI4.2
I/F
Memory
Quad
SERDES
Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com