Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 1 Page - Lattice Semiconductor

  ORSPI4 Datasheet HTML 1Page - Lattice Semiconductor ORSPI4 Datasheet HTML 2Page - Lattice Semiconductor ORSPI4 Datasheet HTML 3Page - Lattice Semiconductor ORSPI4 Datasheet HTML 4Page - Lattice Semiconductor ORSPI4 Datasheet HTML 5Page - Lattice Semiconductor ORSPI4 Datasheet HTML 6Page - Lattice Semiconductor ORSPI4 Datasheet HTML 7Page - Lattice Semiconductor ORSPI4 Datasheet HTML 8Page - Lattice Semiconductor ORSPI4 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 263 page
background image
ORCA
® ORSPI4
Dual SPI4 Interface
and High-Speed SERDES FPSC
October 2007
Data Sheet
© 2007 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
1
ORSPI4_06
Embedded SPI4 Core Features
■ OIF-SPI4-02.0 compliant interfaces
■ Dynamic timing receive interface:
• Full bandwidth up to 450 MHz DDR (900
Mbits/s) for all speed grades.
• Bit de-skewing up to 16 phases of the clock
• Capable of aligning bit-to-bit skews as large as
±1 bit periods
■ Static timing receive interface:
• Speeds up to 325 MHz DDR (650 Mbits/s), for
all speed grades, including Quarter-Rate mode
• Clock aligned or clock centered modes sup-
ported
■ DIP-4 and DIP-2 parity generation and checking
■ Transmit Interface:
• Speeds up to 450 MHz DDR (900 Mbits/s)
• Dedicated LVDS transmit interface for improved
data eye integrity
• Automatic idle insertion
■ 256 logical ports:
• Embedded Calendar-based sequence port poll-
ing mechanism and bandwidth allocation.
Shadow Calendar support for smooth transition
to new Calendar
• Up to 32 independent TX and 32 independent
RX buffers per SPI4 interface internally. Various
aggregation modes to support 1 to 32 separate
embedded buffers per TX and RX
• Up to 4 independent TX and 4 independent RX
clock domain transfers to the FPGA logic
■ FIFO status support modes:
• 1/4 rate LVTTL or 1/4 rate LVDS
• Automatic status handling or optionally under
user control. Credit calculations based on burst
size and status are also handled automatically
■ Configuration options as suggested in the OIF-
SPI4-02.0 standard
• Configures parameters such as maximum burst
size, calendar length, main and shadow calen-
dars (1K deep each), length of training
sequence etc.
■ Simple FIFO interface to the FPGA logic
• Provides ease of design and efficient clock
domain transfers
■ Loopback modes provided for system- and
chip-level debug
■ Embedded 32-bit internal system bus plus 4-bit
parity
• Interconnects FPGA logic, microprocessor inter-
face (MPI), embedded RAM blocks, and embed-
ded core blocks
• Includes built-in system registers that act as the
control and status center for the device
■ Low power operation.
• Full-rate SPI4.2 interfaces running at 450 MHz
DDR (900 Mbits/sec) with dynamic alignment
consumes 1.5 W of power or less. More efficient
than FPGAs with soft-IP SPI4 solutions which
consume in excess of 10 W.
■ Programmable Minburst capability with
selectable burst values ranging from 16 to 240.
■ Interoperability demonstrated with ORSPI4
partners.
Embedded SERDES Core Features
■ Quad 600 Mbits/s to 3.7 Gbits/s SERDES:
• IEEE 802.3ae XAUI (Link State Machine &
Alignment FIFOs embedded)
• ANSI X3.230:1994 1G/2G FC-compliant (Link
State Machine & Alignment FIFOs embedded)
• Proven performance (same SERDES used in
ORT82G5/ORT42G5 FPSCs)
Embedded Memory Controller Features
■ High Performance Memory Controller for
interface to external buffer memory
• Required for Layer 2 data buffering
• QDR II memory interface:
– 36-bit Input and 36-bit Output bus, 18-bit address
– 175 MHz clock rates
– 20+ Gbits/s bandwidth
– Supports 2- or 4-word burst mode
– Simple FIFO interface to FPGA
– Integrated PLL for optimized performance
– Proven performance with multiple memory suppliers
Note: The term SPI4 refers to OIF SPI-4.2 throughout this document
Lattice Semiconductor has developed a next-generation FPSC targeted at high-speed data transmission. Built on
the Series 4 reconfigurable embedded System-on-a-Chip (SoC) architecture, the ORSPI4 FPSC contains two
SPI4.2 interface blocks, a high-speed Memory Controller, four channels of 0.6-3.7 Gbits/s SERDES with 8b/10b
encoding and decoding and over 600K programmable system gates all on a single chip.


Similar Part No. - ORSPI4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ORS LITTELFUSE-ORS Datasheet
424Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
ORS120A150SD LITTELFUSE-ORS120A150SD Datasheet
424Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
ORS230A150SD LITTELFUSE-ORS230A150SD Datasheet
424Kb / 2P
Dedicated - Single Shot
2016 Rev: 1-A-062216
logo
Edgecore Networks Corpo...
ORSA-1U EDGE-CORE-ORSA-1U Datasheet
508Kb / 4P
AS5812-54X
logo
Lattice Semiconductor
ORSO42G5 LATTICE-ORSO42G5 Datasheet
1Mb / 153P
0.6 to 2.7 Gbps SONET Backplane Interface FPSCs
More results

Similar Description - ORSPI4

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3LP26B AGERE-OR3LP26B Datasheet
5Mb / 184P
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
March 2000
OR3TP12 AGERE-OR3TP12 Datasheet
2Mb / 128P
Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
March 2000
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
October 2001
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
LVDS SerDes transmitter and receiver
logo
Lattice Semiconductor
ORLI10G LATTICE-ORLI10G Datasheet
907Kb / 80P
Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
logo
Freescale Semiconductor...
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
logo
THine Electronics, Inc.
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
LVDS SerDes transmitter and receiver
logo
NXP Semiconductors
MC92604 NXP-MC92604 Datasheet
203Kb / 2P
Dual Gigabit Ethernet SerDes Transceiver
2004 REV 1
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com