Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 96 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 96 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 92Page - Lattice Semiconductor ORSPI4 Datasheet HTML 93Page - Lattice Semiconductor ORSPI4 Datasheet HTML 94Page - Lattice Semiconductor ORSPI4 Datasheet HTML 95Page - Lattice Semiconductor ORSPI4 Datasheet HTML 96Page - Lattice Semiconductor ORSPI4 Datasheet HTML 97Page - Lattice Semiconductor ORSPI4 Datasheet HTML 98Page - Lattice Semiconductor ORSPI4 Datasheet HTML 99Page - Lattice Semiconductor ORSPI4 Datasheet HTML 100Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
96
Figure 41. Read Timing with ERR Asserted - 128-Bit Mode
Special Operating Modes
Static Capture Mode
The ORSPI4 receiver supports both dynamic and static capture of data at the high-speed SPI4 interface. All the
operating modes (32-bit, 64-bit and 128-bit) are independent of the type of data capture. They can operate in either
static or dynamic capture mode. The choice of static vs. dynamic alignment depends on the SPI4 data rates. The
static data capture is valid in the frequency range 400-700 Mbps. It also reduces the power dissipation of the
device. The following control signals are relevant to enable static data capture:
SPI4_LOW_SPEED_DATA_SEL: This is a software register control bit (Address 30915 in SPIA and 30A15 in
SPIB). When set to ‘0’, the dynamic alignment circuit is held in a reset state and the static alignment mode is
enabled.
SPI_DATM_A or SPI_DATM_B: This is a control signal from the FPGA. When set to ‘1’, this gives the user the
option to skew the RDCLK with respect to the SPI4 data bus RDAT on the bus by choosing delay taps through the
control bits SPI_DLYTAP_A[2:0] of SPI_DLYTAP_B[2:0]. When set to ‘0’, RDCLK is automatically centered on-chip
to the input data bus RDAT.
Quarter-Rate Mode
SPIA_RX128_CLK
….
….
12
3
4
5
6
SPIA_RX128_RD
n
SPIA_RX128_FIFO_EMPTY
SPIA_RX128_DATA
D1
D2
D3
D4
2 cycles after read
enable
D0
SPIA_RX128_SOP
SPIA_RX128_EOP
FIFO size = 64 locations.
SPIA_RX128_ADDR
ASTOP_ON_EOP
D0
D1
SPIA_RX128_BE
SPIA_RX128_ERR
D2
D3
hffff
hffff
hffff
hffff
hffff
hffff
hffff
hffff
hffff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com