Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 14 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 14 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 10Page - Lattice Semiconductor ORSPI4 Datasheet HTML 11Page - Lattice Semiconductor ORSPI4 Datasheet HTML 12Page - Lattice Semiconductor ORSPI4 Datasheet HTML 13Page - Lattice Semiconductor ORSPI4 Datasheet HTML 14Page - Lattice Semiconductor ORSPI4 Datasheet HTML 15Page - Lattice Semiconductor ORSPI4 Datasheet HTML 16Page - Lattice Semiconductor ORSPI4 Datasheet HTML 17Page - Lattice Semiconductor ORSPI4 Datasheet HTML 18Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
14
Memory Controller - Overview
The Memory Controller block controls an interface to external Quad Data Rate (QDRII) SRAM for data buffering
between the FPGA logic and external memory. The key features of the Memory Controller interface are described
below:
Memory Controller Features
• Independent Memory Controller interface to external Quad Data Rate (QDRII) SRAMs from multiple suppliers for
data buffering.
– Provides additional packet buffering for > 32 ports
– Provides traffic smoothing for any number of ports
• The Controller supports a throughput of greater than 20 Gbits/s so that all the data received on the SPI4 inter-
face at 10 Gbits/s can be buffered.
• The QDRII SRAM supports this throughput with 36 unidirectional data lines in both the read and write directions.
• The controller block provides the ability to access external QDRII SRAM through the FPGA.
– A set of 72 data signals across the core-FPGA interface
– Of the 72, 8 signals can be either used for parity or data.
– Simple asynchronous FIFO interface to FPGA for ease of design. A high-speed clock signal is provided to
the FPGA as an option to make the write and read synchronous, if desired.
• The core passes the data transparently to and from the QDRII SRAM in two-word or four-word bursts. Interfaces
to memory are 36 bits wide and the address buses are 18 bits wide.
– Supports the interfaces required for a 512K x 36 bit (18 Mbit) QDRII SRAM in two-word burst mode.
– Only 17 address lines are required in four-word burst mode.
• Status/Alarm reported to user through registers
– Data length mismatch from the write controller state machine
– Data instruction coherency error
– Write data, Read data FIFO overrun and underrun errors
• Additional high-speed Memory Controller can be implemented in FPGA gates if required.
SERDES Logic Block - Overview
The SERDES logic block in of the ORSPI4 contains four Clock and Data Recovery (CDR) macrocells and four Seri-
alizer/Deserializer (SERDES) macrocells to support four channels of 8b/10b (
IEEE 802.3.2002) encoded serial
links. The logic block also contains Fiber Channel and XAUI-based state machines, logic to support multi-channel
alignment and MUX/DEMUX logic for the FPGA/core interface. Figure 4 shows the SERDES top level block dia-
gram and the basic data flow. Boundary scan for the SERDES only includes programmable I/Os and does not
include any of the embedded block I/Os.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com