Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 78 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 78 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 74Page - Lattice Semiconductor ORSPI4 Datasheet HTML 75Page - Lattice Semiconductor ORSPI4 Datasheet HTML 76Page - Lattice Semiconductor ORSPI4 Datasheet HTML 77Page - Lattice Semiconductor ORSPI4 Datasheet HTML 78Page - Lattice Semiconductor ORSPI4 Datasheet HTML 79Page - Lattice Semiconductor ORSPI4 Datasheet HTML 80Page - Lattice Semiconductor ORSPI4 Datasheet HTML 81Page - Lattice Semiconductor ORSPI4 Datasheet HTML 82Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
78
Table 16. Possible Combinations of Aggregation Modes
Table 17. Memory Size for Each Aggregation Mode and Partitioning
Mode
Valid
Banks 0 to 3 in 32-bit aggregation mode
Yes
Banks 0, 1 in 64-bit aggregation mode,
Banks 2,3 in 64-bit mode
Yes
Banks 0,1 in 64-bit mode,
Banks 2 & 3 in 32-bit mode
Yes
Banks 0,1 in 32-bit mode,
Banks 2 & 3 in 64-bit mode
Yes
All banks in 128-bit
Yes
Bank 0 in 32-bit mode,
Bank 1 in 64-bit mode or vice-versa
No
Bank 2 in 32-bit mode,
Bank 3 in 64-bit mode or vice-versa
No
Operating Mode
Number of
Configured
Virtual FIFO
Partitions
DATA FIFO Depth
(in Bytes)
Control FIFO Depth
(in Bytes)
32-bit
1
2K
512
2
1K
256
4
512
128
8
256
64
64-bit
1
4 K
1K
2
2 K
512
4
1 K
256
8
512
128
128-bit
1
8 K
2K
2
4 K
1K
4
2 K
512
8
1 K
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com