Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 82 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 82 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 78Page - Lattice Semiconductor ORSPI4 Datasheet HTML 79Page - Lattice Semiconductor ORSPI4 Datasheet HTML 80Page - Lattice Semiconductor ORSPI4 Datasheet HTML 81Page - Lattice Semiconductor ORSPI4 Datasheet HTML 82Page - Lattice Semiconductor ORSPI4 Datasheet HTML 83Page - Lattice Semiconductor ORSPI4 Datasheet HTML 84Page - Lattice Semiconductor ORSPI4 Datasheet HTML 85Page - Lattice Semiconductor ORSPI4 Datasheet HTML 86Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
82
by the calendar. This ensures that the bandwidth allocated for a given port is maintained and the port’s FIFO is
emptied at the same rate that it is being filled up at the far-end transmitter. For example, if the calendar assumes
that the buffer for port 2 is filled more frequently than the buffer for port 4, then the FPGA logic must read the buffer
(virtual FIFO) for port 2 more frequently than port 4 to ensure that bandwidth requested for port 2 is maintained
across the SPI4 link. The user also has a choice to not use the per-port buffers and treat the DPRAMs as pure
clock-domain crossing FIFOs. This is done by simply configuring each DPRAM in 128-bit mode and setting up the
number of virtual FIFO partitions to “1”.
If the user application supports more than 32 ports, multiple ports need to share a buffer or external memory can
be used. The ORSPI4 core provides a QDR-II SRAM Memory Controller for additional buffering. The QDR-II SRAM
memory was chosen owing to the wire-speed throughput that can be realized through dedicated write and read
ports. In this case, the user must implement control logic to sequence external memory reads from the selected vir-
tual FIFOs and the FIFOs are used only for crossing between clock domains. In many cases a second QDR-II
memory interface is needed, thus a soft IP version of the core is available.
Suppose there are 6 ports, and each port is mapped to a single buffer or virtual FIFO:
• The first step is to decide the aggregation mode and FIFO size depending on the bandwidth needed by the
port(s). This is shown in Table 19.
• The second step is to configure the DPRAMs through software register settings shown in Table 20. Note that
DPRAM banks 2 and 3 are configured identically since they are configured to be a 64-bit interface.
• The last step is to configure the PDM using the procedure described in the Address Mapper section. The con-
tents of the PDM are shown in Table 21.
Table 19. DPRAM Configuration Example
Table 20. DPRAM Software Register Settings Example
Table 21. PDM Contents Example
DPRAM bank
Aggregation
Mode
Number of
Virtual FIFOs
Virtual FIFO
Size (bytes)
0
32-bit
2
1K
1
32-bit
2
1K
2,3
64-bit
2
2K
DPRAM Bank
Aggregation Mode
Number of Virtual FIFOs
0
RX_DPRAM_0_AGGR_MODE = 00
RX_DPRAM_0_NUMFIFO = 01
1
RX_DPRAM_1_AGGR_MODE = 00
RX_DPRAM_0_NUMFIFO = 01
2
RX_DPRAM_2_AGGR_MODE = 01
RX_DPRAM_0_NUMFIFO = 01
3
RX_DPRAM_3_AGGR_MODE = 01
RX_DPRAM_0_NUMFIFO = 01
Port ID
Bank ID
Partition Address
0x00
00
000
0x01
001
0x02
01
000
0x03
001
0x04
10
000
0x05
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com