Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 85 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 85 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 81Page - Lattice Semiconductor ORSPI4 Datasheet HTML 82Page - Lattice Semiconductor ORSPI4 Datasheet HTML 83Page - Lattice Semiconductor ORSPI4 Datasheet HTML 84Page - Lattice Semiconductor ORSPI4 Datasheet HTML 85Page - Lattice Semiconductor ORSPI4 Datasheet HTML 86Page - Lattice Semiconductor ORSPI4 Datasheet HTML 87Page - Lattice Semiconductor ORSPI4 Datasheet HTML 88Page - Lattice Semiconductor ORSPI4 Datasheet HTML 89Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
85
The SPI4 status channel operates at 1/8th the SPI4 data rate which is reasonable because data is always sent in
16-byte bursts. Thus the fastest status update can be expected once in every 8 data clock cycles. For a given port,
the frequency with which its status is reported to the far-end transmitter source depends on the allocated band-
width for the port. It is imperative that the transmitter and receiver devices are programmed with identical calendar
sequences. The following examples illustrate this:
Suppose a channelized STS-48 has three STS-12 ports and four STS-3 ports (channels), each STS-12 port
should have four times the bandwidth of an STS-3 port and 12 times the bandwidth of an STS-1 port within a single
calendar cycle. The first step is to map each port to an 8-bit port ID (address) as shown in Table 23
Table 23. Port ID Mapping
The calendar sequence is as follows:
A1, A2, A3, B1, A1, A2, A3, B2, A1, A2, A3, B3, A1, A2, A3, B4
The number of calendar entries is thus 16. This calendar sequence is programmed in the receive calendar memory
as follows:
• This example uses the main calendar. The calendar memory is selected by setting the RX_CAL_MEM_SEL bit
(address 30917 in SPIA and address 30A17 in SPIB) to ‘1’.
• Writes are done to addresses 0x31000 - 0x3100F. This will correspond to entries 0x00 - 0x0F in the calendar
memory. This is shown in Table 24. Note that the main calendar memory has 1023 locations and can be pro-
grammed through addresses 0x31000 - 0x313FE. The shadow calendar memory also has 1023 locations and
can be programmed through addresses 0x31400 - 0x317FE.
• After programming the calendar memory, the RX_CAL_MEM_SET bit is set to ‘0’.
• The calendar length register RX_CAL_LEN_MAIN is set to 16 (address 30901 and 30902 in SPIA, 30A01 and
30A02 in SPIB).
• RX_CAL_M_MAIN (address 30900 in SPIA and 30A00 in SPIB) is set to the number of times the calendar
sequence needs to be repeated between framing patterns.
• The shadow calendar can be programmed in the same identical fashion as the main calendar using the steps
described above.
To enable hitless switching between main and shadow calendar memories, the RX_CAL_SW_EN bit (address
30916 in SPIA and 30A16 in SPIB) should be set to ‘1’. This will cause the receive status logic to insert the calen-
dar select word after the framing pattern. The RX_CAL_SEL bit then selects main (bit set to ‘0’) or shadow (bit set
to ‘1’) calendar to be sent on the outgoing status frame. It is important to enable this feature in the transmit device
on the other end of the SPI4 link by setting TX_CAL_SW_EN bit (address 30916 in SPIA and 30A16 in SPIB) to ‘1’.
This will cause the far-end transmit status logic to detect the calendar select word after the framing pattern.
Port
Bandwidth
8-Bit Port ID
(Port Address)
A1
STS-12
0x00
A2
STS-12
0x01
A3
STS-12
0x02
B1
STS-3
0x03
B2
STS-3
0x04
B3
STS-3
0x05
B4
STS-3
0x06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com