Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 3Page - Lattice Semiconductor ORSPI4 Datasheet HTML 4Page - Lattice Semiconductor ORSPI4 Datasheet HTML 5Page - Lattice Semiconductor ORSPI4 Datasheet HTML 6Page - Lattice Semiconductor ORSPI4 Datasheet HTML 7Page - Lattice Semiconductor ORSPI4 Datasheet HTML 8Page - Lattice Semiconductor ORSPI4 Datasheet HTML 9Page - Lattice Semiconductor ORSPI4 Datasheet HTML 10Page - Lattice Semiconductor ORSPI4 Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
7
• For low speed data, static alignment can be selected through a programmable control bit
– Speeds up to 350 MHz DDR (700 Mbits/s throughput)
– Dynamic alignment is bypassed and disabled to save power in static alignment mode.
– Programmable on-edge or on-center clock/data relationship option at receiver.
– Programmable clock delay
• Single-link and multi-link operation.
• SPI4 transmit data protocol support logic
– Combines the data and control words from the transmit FIFO (DPRAMs) into the SPI4 format
– Performs DIP-4 calculation over data and control words on the TX side and inserts into the payload control
word
• Handles all credit calculations based on the status information automatically
• Provides optional signals to FPGA interface logic for flow control:
– Current transmit Port ID (Calendar Port or user specified port # per calendar port)
– Current BURST_VAL Parameter for that Port
– Status from that Port
• Embedded Calendar-based port polling sequence mechanism and bandwidth allocation for all 256 ports
– Programmable transmit and receive calendar tables support up to 256 ports
• Two calendars are supported in each direction
– Main Calendar (1K deep)
– Shadow Calendar (also 1K deep). User can reconfigure second calendar while operating off main calendar,
and then switch on the next cycle to allow hitless operation
– All calendar configuration parameters specified in the standard (CALENDAR_LEN, CALENDAR_M, etc.) are
supported
• Transmit and Receive Status FIFOs provided to store flow control information for up to 256 ports.
– Performs Status frame creation
– DIP-2 odd parity calculated over the status frames
– Supports either quarter-rate LVDS or LVTTL status channels
• Support for various options for flow control status creation, selectable per port:
– Based on DPRAM FIFO fill levels
– Based on status from FPGA interface per port
– Both of the above
• Dual-port RAM interface to the FPGA supports flexible data widths for both the receive and transmit FPGA/core
interfaces.
– Scalable data bus enables users to configure TX interface for their respective port bandwidth requirements
– A total of 4 DPRAM banks where each of the DPRAMs can be logically partitioned into 1, 2, 4, or 8 virtual
FIFOs
– Used for temporary storage and clock domain crossing
– Can be configured to provide 32-, 64-, 128-bit data bus interfaces from the FPGA (plus accompanying con-
trol signals)
– 32-bit mode: Four banks are separate and accessed independently
– 64-bit mode: Banks 0 & 1 become a single aggregation and Banks 2 & 3 become a single aggregation
– 128-bit mode: All four banks become a single aggregation
– Mixed mode: One 64-bit (two banks become a single aggregation) and two banks are separate and
accessed independently
• Training pattern generation
– User controlled “alpha” repetitions of training pattern in TX_DATA_MAX_T intervals
– Automatic generation of training pattern during loss of synchronization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com