Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 69 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 69 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 65Page - Lattice Semiconductor ORSPI4 Datasheet HTML 66Page - Lattice Semiconductor ORSPI4 Datasheet HTML 67Page - Lattice Semiconductor ORSPI4 Datasheet HTML 68Page - Lattice Semiconductor ORSPI4 Datasheet HTML 69Page - Lattice Semiconductor ORSPI4 Datasheet HTML 70Page - Lattice Semiconductor ORSPI4 Datasheet HTML 71Page - Lattice Semiconductor ORSPI4 Datasheet HTML 72Page - Lattice Semiconductor ORSPI4 Datasheet HTML 73Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
69
These blocks will be described in detail in the following sections. The ORSPI4 Receive functional block diagram is
shown in Figure 29.
Figure 29. ORSPI4 Receive Functional Block Diagram
ORSPI4 Receive Functional Block Overview
The ORSPI4 high-speed receive logic receives high-speed data on 16 LVDS pairs (RDAT[15:0]), control on one
LVDS pair (RCTL) and clock on one LVDS pair (RDCLK) at the SPI4 interface. This is an OIF-SPI-4 02.0 compliant
interface that supports data rates in the range of 622-900 Mbps. Additionally lower-speed data in the range of 100-
200 Mbps is also supported. The high-speed receive interface logic supports both static and dynamic alignment as
specified by the OIF-SPI-4 02.0 specification. Dynamic alignment allows for +/- one bit period of skew. During
dynamic alignment, training patterns are detected and deskew performed. Data is then deserialized into 128-bit
data and 8-bit control bus. The SPI4 receive data protocol logic then extracts the control information such as
PORT_ID, SOP, EOP and ERR into a separate sideband bus while still preserving wire-speed throughput. Data
and control signals are then written into one of four dual-port RAMs (DPRAMs). Per-port buffering is supported for
a maximum of 32 ports. The DPRAMs are built as multiple virtual FIFOs where each FIFO can be allocated for a
port by the user through software. At the FPGA fabric, the user reads data for the desired ports from the FIFOs
[A,B]RSTAT
[A,B]RSCLK
RX
DPRAM
SPI[A,B]_k_DATA_j, BE_j
SPI[A,B]_k_SOPj, EOPj, ERRj
[A,B]STOP_ON_EOPj
SPI[A,B]_k_RD_j
SPI[A,B]_k_ADDR_j
Address
SPI[A,B]_k_CLK_j
Mapper
RDI
[A,B]RDAT
[A,B]RCTL
[A,B]RDCLK
PSS
RSP
RSO
SPI[A,B]_k_STAT
SPI[A,B]_k_PORT_ID
SPI[A,B]_k_EXT_STAT_EN
SPI[A,B]_k_PSS_WE
SPI[A,B]_k_PSS_CLK
RLSTAT
RLSCLK
16
2
2
2
8
3
3
RDP
data
control
control
data
control
SPI[A,B]_k_FIFO_EMPTY_j
k = 32, 64 or 128
j= 0, 1, 2 or 3
SPI[A,B]_k_ CTL_j (32 and 64 only)
[A,B]RLSCLK_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com