Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 18 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 18 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 14Page - Lattice Semiconductor ORSPI4 Datasheet HTML 15Page - Lattice Semiconductor ORSPI4 Datasheet HTML 16Page - Lattice Semiconductor ORSPI4 Datasheet HTML 17Page - Lattice Semiconductor ORSPI4 Datasheet HTML 18Page - Lattice Semiconductor ORSPI4 Datasheet HTML 19Page - Lattice Semiconductor ORSPI4 Datasheet HTML 20Page - Lattice Semiconductor ORSPI4 Datasheet HTML 21Page - Lattice Semiconductor ORSPI4 Datasheet HTML 22Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
18
The hierarchical architecture of the logic, clocks, routing, RAM, and system-level blocks create a seamless merge
of FPGA and ASIC designs. Modular hardware and software technologies enable System-on-Chip integration with
true plug-and-play design implementation.
The architecture consists of the following basic elements: Programmable Logic Cells (PLCs), Programmable I/O
cells (PIOs), Embedded Block RAMs (EBRs), plus supporting system-level features. These elements are intercon-
nected with a rich routing fabric of both global and local wires. An array of PLCs is surrounded by common inter-
face blocks that provide an abundant interface to the adjacent PLCs or system blocks. Routing congestion around
these critical blocks is eliminated by the use of the same routing fabric implemented within the programmable logic
core.
Each PLC contains a Programmable Function Unit (PFU), Supplemental Logic Interconnect Cell (SLIC), local rout-
ing resources, and configuration RAM. Most of the FPGA logic is performed in the PFU, but decoders,
PAL-like
functions, and 3-state buffering can be performed in the SLIC. The PIOs provide device inputs and outputs and can
be used to register signals and to perform input demultiplexing, output multiplexing, uplink and downlink functions,
and other functions on two output signals.
Large blocks of 512 x 18 quad-port RAM complement the existing distributed PFU memory. The RAM blocks can
be used to implement RAM, ROM, FIFO, multiplier, and CAM. Some of the other system-level functions include the
MPI, PLLs, and the Embedded System Bus (ESB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com