Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 84 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 84 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 80Page - Lattice Semiconductor ORSPI4 Datasheet HTML 81Page - Lattice Semiconductor ORSPI4 Datasheet HTML 82Page - Lattice Semiconductor ORSPI4 Datasheet HTML 83Page - Lattice Semiconductor ORSPI4 Datasheet HTML 84Page - Lattice Semiconductor ORSPI4 Datasheet HTML 85Page - Lattice Semiconductor ORSPI4 Datasheet HTML 86Page - Lattice Semiconductor ORSPI4 Datasheet HTML 87Page - Lattice Semiconductor ORSPI4 Datasheet HTML 88Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
84
• Decrements CALENDAR_M and CALENDAR_LEN counters
• DIP-2 calculation
The core of the RSP block is the state machine shown in Figure 32. The state machine is in the DISABLE state
upon reset. Setting the register bit RX_STATUS_DIS to ‘1’ or misalignment on the SPI4 RX data interface will
cause the state machine to reset to DISABLE state and start sending “11” on the SPI4 status bus. When the
received data is aligned and none of the other conditions apply, the state machine transfers to the SYNC state. The
SYNC state exists for only one clock cycle. In this state the calendar management counters are initialized with the
configured values from CALENDAR_LEN_RX and CALENDAR_M_RX. The next state is the CAL state if
CALENDAR_SW_EN bit is set to ‘0’ or the SWITCH state if CALENDAR_SW_EN bit is set to ‘1’. In the CAL state,
the counter for CALENDAR_LEN_RX is decremented on each cycle and the counter for CALENDAR_M_RX is
decremented at the end of each calendar sequence. If the CALENDAR_M_RX counter has not reached zero, the
CALENDAR_LEN_RX counter is reset. On each clock cycle, the status is sent out on the RLSTAT bus. The DIP-2
code is calculated in each clock cycle using the method (diagonal XOR) described in the OIF-SPI4-02.0 standard.
Once both calendar management counters have expired, the calendar management is complete and moves to the
DIP-2 state. The current DIP-2 value coming out of the CAL state is XOR’ed with “11”, the final 2-bit DIP-2 word is
sent out on the RLSTAT bus and the SYNC state is entered. If the RX_CAL_SW_EN bit is enabled (set to ‘1’) then
the RSP will insert an extra word into the FIFO status frame
Figure 32. RSP State Machine
The SPI4 Receive Status Output (RSO) block contains the low speed LVTTL buffers and LVDS output buffers nec-
essary for the output stage of receive status logic. The option to choose between LVTTL or LVDS outputs is
selected by the software register bit SPI4_STATUS_IO_SEL.
Calendar Programming
On a SPI4 link, FIFO status information is sent periodically over the status link (RSTAT bus on the SPI4 interface)
from the device that receives data. The calendar is a means by which the SPI4 link conveys information to a data
source about the availability of buffer space in the FIFOs that receive data from that data source. A calendar is a
sequence of status messages that
• Provides information on the buffer space for a port or traffic flow
• Allows user to allocate bandwidth for a port or flow depending on the overall traffic characteristics.
DISABLE
SYNC
DIP-2
CAL
SWITCH
RESET
RX_CALENDAR_SW_EN = ‘1’
RX_CALENDAR_SW_EN= “0”
CAL_DONE
RX_CAL_LEN_MAIN/SHD,
RX_CAL_M_MAIN/SHD
DESKEWED
RESET
RESET
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com