Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 99 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 99 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 95Page - Lattice Semiconductor ORSPI4 Datasheet HTML 96Page - Lattice Semiconductor ORSPI4 Datasheet HTML 97Page - Lattice Semiconductor ORSPI4 Datasheet HTML 98Page - Lattice Semiconductor ORSPI4 Datasheet HTML 99Page - Lattice Semiconductor ORSPI4 Datasheet HTML 100Page - Lattice Semiconductor ORSPI4 Datasheet HTML 101Page - Lattice Semiconductor ORSPI4 Datasheet HTML 102Page - Lattice Semiconductor ORSPI4 Datasheet HTML 103Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
99
Table 25. Far End Loopback Register Values
Absolute
Address
(Hex)
Bit
Name
Description
Quarter
Rate Far
End
Static
Far End
Dynamic
Far End
30915
(SPI A)
30A15
(SPI B)
[0]
SPI4_QUARTER_RATE
When set to ‘1’, enables data rates of 100 - 200
Mbps. The PLLs in the transmit and receive SPI4
high-speed blocks are bypassed in this mode.
100
[1]
SPI4_LOOPBK_FE
This control enables far-end loopback when it is
set to 1. Far end loopback sends RDAT inputs
back to TDAT outputs, sends RDCLK back to
TDCLK, sends TSTAT back to RSTAT outputs,
and ATSCLK back to RSCLK.
111
[2]
SPI4_LOW_SPEED_
DATA_SEL
Forces low speed data rates of 400-622 Mbits/s.
The transmit PLL is still used to synthesize the
SPI4 transmit clock TDCLK. However, the
dynamic alignment block in the receive side is
bypassed. No training sequences are used in low
speed mode.
110
[3]
SPI4_STATUS_IO_SEL
‘0’ - Selects LVTTL I/O for SPI4 status.
‘1’ - Selects LVDS I/Os for SPI4 status (Full-rate
LVDS status I/Os specified by OIF SPI4.0 is not
supported).
0 or 1
0 or 1
0 or 1
[4]
SPI4_LOOPBK_HS
Enables loops from high-speed SPI4 TDAT out-
puts to RDAT inputs and RSTAT to TSTAT status
inputs just before I/O.
000
[5]
SPI4_LOOPBK_LS
Enables near-end parallel loopback from TDP to
RDP blocks and RSP to TSP blocks bypassing
the high-speed SPI4 interface logic blocks. Must
enable SPI4_LOOPBK_HS for this to work.
000
[6]
TX_FORCE_DIP4_ERR
X
X
X
[7]
RX_FORCE_DIP2_ERR
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com