Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 101 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 101 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 97Page - Lattice Semiconductor ORSPI4 Datasheet HTML 98Page - Lattice Semiconductor ORSPI4 Datasheet HTML 99Page - Lattice Semiconductor ORSPI4 Datasheet HTML 100Page - Lattice Semiconductor ORSPI4 Datasheet HTML 101Page - Lattice Semiconductor ORSPI4 Datasheet HTML 102Page - Lattice Semiconductor ORSPI4 Datasheet HTML 103Page - Lattice Semiconductor ORSPI4 Datasheet HTML 104Page - Lattice Semiconductor ORSPI4 Datasheet HTML 105Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
101
ORSPI4 SPI4 Clocking
Transmit Clocking
The following descriptions and figures show the SPIA core. The SPIB core is identical.
Figure 45. SPI4 TX Clocking
ATREFCLK: External Pad. Reference clock for the high-speed SPIA transmit block. Its frequency is 1/4th the SPI4
line clock ATDCLK. The ATREFCLK pad should be tied off during quarter-rate mode.
SPIA_TREFCLK_x8: Reference clock source from the FPGA when SPIA is operating in quarter-rate mode. Its fre-
quency is two times the SPI4 line clock. i.e. if SPI4 line clock is 100 MHz, this clock is 200 MHz. Maximum allow-
able frequency is 200 MHz.
ATDCLK[P,N]: External output pads. SPI4 transmit data clock. SPI4 transmit data ATDAT and ATCTL are valid on
both edges of this clock.
ATSCLK[P,N]: External input LVDS pads. SPI4 transmit status clock.
TSCLKA: External input 3.3V LVTTL transmit status input.
SPIA_TXk_CLK_j: Write clocks from FPGA to each of the four asynchronous DPRAMs.
(j = 0, 1, 2 or 3) (k = 32, 64 or 128)
ATREFCLK_F: Clock output to the FPGA. Its frequency is the same as ATREFCLK. It is used to clock the status
outputs to the FPGA, namely SPIA_TXk_PORT_ID, SPIA_TXk_STAT and SPIA_TXk_BURST_VAL.
SPIA TX Status
SPIA TX Core
(Data)
FPGA
SPIA_TXk_CLK_0
SPIA_TXk_CLK_1
SPIA_TXk_CLK_2
SPIA_TXk_CLK_3
SPIA_TREFCLK_x8
ATREFCLK_F
k= 32, 64, or 128
ATREFCLK
ATDCLKP
ATDCLKN
ATSCLKP
ATSCLKN
TSCLKA
LVTTL Input
LVDS Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com