Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 79 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 79 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 75Page - Lattice Semiconductor ORSPI4 Datasheet HTML 76Page - Lattice Semiconductor ORSPI4 Datasheet HTML 77Page - Lattice Semiconductor ORSPI4 Datasheet HTML 78Page - Lattice Semiconductor ORSPI4 Datasheet HTML 79Page - Lattice Semiconductor ORSPI4 Datasheet HTML 80Page - Lattice Semiconductor ORSPI4 Datasheet HTML 81Page - Lattice Semiconductor ORSPI4 Datasheet HTML 82Page - Lattice Semiconductor ORSPI4 Datasheet HTML 83Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
79
Table 18. Register Bit Settings for Aggregation Mode and Partition Size
DPRAM Aggregation
Mode
Address 30907 (SPIA),
30A07 (SPIB)
Virtual FIFO Partition Size
Address 30906 (SPIA),
30A06 (SPIB)
Configuration
DPRAM 0
(Register Bits 0:1) = 00
Register Bits 0:1 = 00
32-bit data width, partition size 1
01
32-bit data width, partition size 2
10
32-bit data width, partition size 4
11
32-bit data width, partition size 8
01
00
64-bit data width, partition size 1
01
64-bit data width, partition size 2
10
64-bit data width, partition size 4
11
64-bit data width, partition size 8
10
00
128-bit data width, partition size 1
01
128-bit data width, partition size 2
10
128-bit data width, partition size 4
11
128-bit data width, partition size 8
DPRAM 1
(Register Bits 2:3) = 00
Register Bits 2:3 = 00
32-bit data width, partition size 1
01
32-bit data width, partition size 2
10
32-bit data width, partition size 4
11
32-bit data width, partition size 8
01
00
64-bit data width, partition size 1
01
64-bit data width, partition size 2
10
64-bit data width, partition size 4
11
64-bit data width, partition size 8
10
00
128-bit data width, partition size 1
01
128-bit data width, partition size 2
10
128-bit data width, partition size 4
11
128-bit data width, partition size 8
DPRAM 2
(Register Bits 4:5) = 00
Register Bits 4:5 = 00
32-bit data width, partition size 1
01
32-bit data width, partition size 2
10
32-bit data width, partition size 4
11
32-bit data width, partition size 8
01
00
64-bit data width, partition size 1
01
64-bit data width, partition size 2
10
64-bit data width, partition size 4
11
64-bit data width, partition size 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com