Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 16 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 16 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 12Page - Lattice Semiconductor ORSPI4 Datasheet HTML 13Page - Lattice Semiconductor ORSPI4 Datasheet HTML 14Page - Lattice Semiconductor ORSPI4 Datasheet HTML 15Page - Lattice Semiconductor ORSPI4 Datasheet HTML 16Page - Lattice Semiconductor ORSPI4 Datasheet HTML 17Page - Lattice Semiconductor ORSPI4 Datasheet HTML 18Page - Lattice Semiconductor ORSPI4 Datasheet HTML 19Page - Lattice Semiconductor ORSPI4 Datasheet HTML 20Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
16
rate of the data lane. The MUX/DEMUX converts the data rate and bus width so the interface to the FPGA core can
run at 1/4th this intermediate frequency, giving a range of 25.0 to 92.5 MHz for the data rates into and out of the
FPGA logic.
Multi-Channel Alignment FIFOs
In the ORSPI4 SERDES block, the four incoming data channels can be independent of each other or can be syn-
chronized in several ways. Two channels within a SERDES block can be aligned together; channels A and B and/or
channels C and D. Finally, four channels in a SERDES block can be aligned together to form a communication
channel with a bandwidth of 10 Gbits/s. Individual channels within an alignment group can be disabled (i.e., pow-
ered down) without disrupting other channels.
XAUI and Fibre Channel Link State Machines
Two separate link state machines are included in the architecture. A XAUI-based link state machine is included in
the embedded core to implement the IEEE 802.3ae standard. A separate state machine for Fibre Channel is also
implemented.
FPGA/Embedded Core Interface
In 8b/10b mode, the FPGA logic will receive/transmit 32-bits of data (up to 92.5 MHz) and four K_CTRL bits from/to
the embedded core. There are 4 data streams in each direction plus additional timing, status and control signals.
Data sent to the FPGA can be aligned using comma (/K/) characters or /A/ character as specified either by Fibre
Channel or by IEEE 802.3ae for XAUI based interfaces. The alignment character is made available to the FPGA
along with the data. The special characters K28.1, K28.5 and K28.7 are treated as valid comma characters by the
SERDES.
If the receive channel alignment FIFOs are bypassed, then each channel will provide its own receive clock in addi-
tion to data and comma character detect signals. If the 8b/10b decoders are bypassed, then 40-bit data streams
are passed to the FPGA logic. No channel alignment can be done in 8b/10b bypass mode.
SERDES Features
• Four channels of 0.6-3.7G SERDES with 8b/10b encoding/decoding are supported. The SERDES quad is IEEE
P802.3ae/D4.01 XAUI based and also supports the FC (ANSI X3.230:1994) link synchronization state machine
specification.
• The high-speed SERDES are programmable and support serial data rates including 622 Mbits/s, 1.0 Gbits/s,
1.25 Gbits/s, 2.5 Gbits/s, 3.125 Gbits/s, and 3.7 Gbits/s. Operation has been demonstrated on design tolerance
devices at 3.7 Gbits/s across 26 in. of FR-4 backplane and at 3.2 Gbits/s across 40 in. of FR-4 backplane across
temperature and voltage specifications.
• Asynchronous operation per receive channel, with the receiver frequency tolerance based on one reference
clock per four channels (separate PLL per channel).
• Ability to select full-rate or half-rate operation per transmit or receive channel by setting the appropriate control
registers.
• Programmable one-half amplitude transmit mode for reduced power in chip-to-chip application.
• Transmit preemphasis (programmable) for improved receive data eye opening.
• 32-bit (8b/10b) or 40-bit (raw data) parallel internal bus for data processing in FPGA logic.
• Provides a 10 Gbits/s backplane interface to a switch fabric using four 2.5 Gbit/s links. Also supports port cards
at 2.5 Gbit/s.
• 3.125 Gbits/s SERDES compliant with XAUI serial data specification for 10 Gigabit Ethernet applications.
• Most XAUI features for 10 Gigabit Ethernet are embedded including the required link state machine.
• Compliant to Fibre Channel physical layer specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com