Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 97 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 97 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 93Page - Lattice Semiconductor ORSPI4 Datasheet HTML 94Page - Lattice Semiconductor ORSPI4 Datasheet HTML 95Page - Lattice Semiconductor ORSPI4 Datasheet HTML 96Page - Lattice Semiconductor ORSPI4 Datasheet HTML 97Page - Lattice Semiconductor ORSPI4 Datasheet HTML 98Page - Lattice Semiconductor ORSPI4 Datasheet HTML 99Page - Lattice Semiconductor ORSPI4 Datasheet HTML 100Page - Lattice Semiconductor ORSPI4 Datasheet HTML 101Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
97
The ORSPI4 SPI4 RX interface is also designed to operate at data rates much lower than 622 Mbps. Even though
the OIF standard specifies a minimum data rate of 622 Mbits/s, the lower data rates are provided for users who
wish to use the SPI4 link for applications supporting <10 Gbits/s aggregate bandwidth (STS-48, STS-3, Gb Ether-
net, etc.). To enable this low speed mode, user should set the software register bit SPI4_QUARTER_RATE
(Address 30915 in SPIA and 30A15 in SPIB) to ‘1’. This supports data rates in the range of 100 - 200 Mbps. This bit
takes precedence over SPI4_LOW_SPEED_DATA_SEL, since setting this bit to ‘1’ will automatically reset the
dynamic alignment block irrespective of SPI4_LOW_SPEED_DATA_SEL register bit setting.
SPI4 Loopback Modes
There are three forms of loopback supported directly by the ORSPI4 SPI4 blocks.
• High-speed near end loopback: This involves looping back data from the high-speed transmit block TDO serial
output to the high-speed receive block RDI serial input (See Fig. 42). All of the logic excluding the LVDS buffers
is included in the loopback path. The status path is looped from the output of the RSP block to the TSP block.
This mode is enabled by setting the control register bit SPI4_LOOPBK_HS to 1.
• Far end loopback: This involves looping back the 128-bit output data from the RDI block to the 128-bit input of
the TDO block (See Fig. 43). Data is received at the high-speed SPI4 RX interface and transmitted at the SPI4
TX interface. The status path is looped from TSTAT to RSTAT. This mode is enabled by setting control register bit
SPI4_LOOPBK_FE to “1”.
• Low-speed near end loopback which excludes the high-speed blocks from the loopback path: This involves
sourcing data from the FPGA, looping back the output of TDP block into RDP block and observing data at the
core-FPGA boundary (See Fig. 44). The status path is looped from the RSP block to the TSP block. This form of
loopback will require an additional low-speed clock source (TSTCLK) and is enabled by setting control register
bit SPI4_LOOPBK_LS to “1” and enabling SPI4_LOOPBK_HS.
Figure 42. High-Speed Near End Loopback
TDAT[15:0]
TCTL
TDCLK
SPI4 I/F
TDO
TREFCLK
TSTAT[1:0]
TSCLK
RDAT[15:0]
RCTL
RDCLK
RDI
RSTAT[1:0]
RSCLK
TDP
128-bit
data+ctl
TSP
clk
DPRAMs
+ associated
logic
Port write
Sequencer
TX
RDP
RSP
DPRAMs
+ associated
logic
Port Status
Sequencer
clk
128-bit
data+ctl
clk
RX
Embedded Core



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com