Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 74 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 74 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 70Page - Lattice Semiconductor ORSPI4 Datasheet HTML 71Page - Lattice Semiconductor ORSPI4 Datasheet HTML 72Page - Lattice Semiconductor ORSPI4 Datasheet HTML 73Page - Lattice Semiconductor ORSPI4 Datasheet HTML 74Page - Lattice Semiconductor ORSPI4 Datasheet HTML 75Page - Lattice Semiconductor ORSPI4 Datasheet HTML 76Page - Lattice Semiconductor ORSPI4 Datasheet HTML 77Page - Lattice Semiconductor ORSPI4 Datasheet HTML 78Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
74
Status
I/Os
SPIA_RX64_PORT_ID[7:0]
FPGA
→ Core Port ID used by the core as write address into the status RAM.
SPIA_RX64_STAT[1:0]
FPGA
→ Core Port Status corresponding to SPIA_RX64_PORT_ID
SPIA_RX64_EXT_STAT_EN
FPGA
→ Core When set to ‘1’, the status from SPIA_RX64_STAT will be sent on the SPI4
status i/f.
SPIA_RX64_PSS_WE
FPGA
→ Core Write enable to the internal Status RAM.
SPIA_RX64_PSS_CLK
FPGA
→ Core Write clock to the internal Status RAM.
Misc.
I/Os
SPI_DATM_A
FPGA
→ Core Valid only during static data capture. Should be set to ‘0’ in dynamic align-
ment mode.
‘0’ - Bypass delay line circuit on the clock (ARDCLK) path.
‘1’ - Enables delay line circuit on the ARDCLK path.
SPI_DLYTAP_A[2:0]
FPGA
→ Core These bits control the effective delay of the delay line circuit on the ARD-
CLK path. Valid values are from 0-6.
ARLSCLK_F
Core
→FPGA Internal clock (ARDCLK/4) used to clock all receive status logic.
Table 13. SPIA Core Receive FPGA Interface in 64-Bit Mode (Continued)
DPRAM
FPGA Interface I/Os
Direction
From/To
Description
Note: For SPIB replace A with B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com