Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 86 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 86 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 82Page - Lattice Semiconductor ORSPI4 Datasheet HTML 83Page - Lattice Semiconductor ORSPI4 Datasheet HTML 84Page - Lattice Semiconductor ORSPI4 Datasheet HTML 85Page - Lattice Semiconductor ORSPI4 Datasheet HTML 86Page - Lattice Semiconductor ORSPI4 Datasheet HTML 87Page - Lattice Semiconductor ORSPI4 Datasheet HTML 88Page - Lattice Semiconductor ORSPI4 Datasheet HTML 89Page - Lattice Semiconductor ORSPI4 Datasheet HTML 90Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
86
Table 24. Receive Calendar Memory Contents
SPI4 Receive Software Interface
The SPI4 receive interface is configurable through a System Bus interface incorporated within the embedded core.
The user can gain access to the System Bus either through the integrated MPI interface, or through FPGA
resources using the System Bus Master/Slave interface. Please refer to the appropriate Lattice Semiconductor
data sheets and application notes for more information regarding these interfaces.
The receive SPI4 interface logic incorporates many configurable control registers, as well as interrupt and status
registers to monitor SPI4 performance. Table 47 provides a memory map and description of each register within
the Transmit portion of the SPI4 embedded core.
Timing Diagrams
As described earlier, there are three main modes of operation - 32-bit mode, 64-bit mode and 128-bit mode. The
timing diagrams described below provide a clear picture of each mode of operation.
For clarity, all timing diagrams are shown for SPIA core. They are identical for the SPIB core. The timing diagram for
a 32-bit read access is shown in Figure 33. A 3-bit read address SPIA_RX32_ADDR_j where j=0,1,2,3 (which is
actually the virtual FIFO partition address) is sent from the FPGA during clock T1. This FIFO address should match
the virtual FIFO address that the user configured for a given port in the port descriptor memory (PDM). In other
words, the virtual FIFO addressed by this 3-bit address contains the data for the port that was mapped to this buffer
space in the PDM. The read control logic uses this address to generate the internal physical address.
As shown in Figure 33, the user sends SPIA_RX32_RD_j in clock cycle T1. There is a 2-clock latency from the time
the read enable SPIA_RX32_RD_j is asserted to the time read data is presented to the user. Thus, in clock cycle
T3 following SPIA_RX32_RD_j, the embedded core provides the 32-bit data and control. The byte enables
SPIA_RX32_BE_j[3:0] indicate which bytes within the 32-bit word are valid. If the current port ID is different from
the previous port ID, then the first data read from the virtual FIFO is the port ID as shown in clock cycle T3. The
SPIA_RX32_CTL_j signal is set to ‘1’ during T3 indicating that read data contains the port ID. The byte enables are
set to “0001” indicating that the least significant byte of the 32-bit word contains the port ID. If data is continued to
be read for the same port, then no port ID is presented to the user as this is redundant. The ASTOP_ON_EOPj is
RX Calendar Memory
Address
RX Calendar Memory
Contents (Port ID)
Port Number
0x00
0x00
A1
0x01
0x01
A2
0x02
0x02
A3
0x03
0x03
B1
0x04
0x00
A1
0x05
0x01
A2
0x06
0x02
A3
0x07
0x04
B2
0x08
0x00
A1
0x09
0x01
A2
0x0a
0x02
A3
0x0b
0x05
B3
0x0c
0x00
A1
0x0d
0x01
A2
0x0e
0x02
A3
0x0f
0x06
B4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com