Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 28 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 28 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 24Page - Lattice Semiconductor ORSPI4 Datasheet HTML 25Page - Lattice Semiconductor ORSPI4 Datasheet HTML 26Page - Lattice Semiconductor ORSPI4 Datasheet HTML 27Page - Lattice Semiconductor ORSPI4 Datasheet HTML 28Page - Lattice Semiconductor ORSPI4 Datasheet HTML 29Page - Lattice Semiconductor ORSPI4 Datasheet HTML 30Page - Lattice Semiconductor ORSPI4 Datasheet HTML 31Page - Lattice Semiconductor ORSPI4 Datasheet HTML 32Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
28
Figure 10. ORSPI4 Transmit Functional Block Diagram
ORSPI4 Transmit Functional Block Overview
The user can write transmit data and associated control signals to the TX DPRAM bank using either multiple 32- or
64-bit interfaces, or a single aggregated 128-bit interface. The data bus interface is software configurable. The TX
DPRAM block is made up of 4 configurable DPRAMs, used for transmit data buffering and clock domain crossing.
The DPRAMs can be configured via software to support up to 8 virtual partitions each, providing a maximum of 32
virtual FIFOs, each being 256 Bytes deep. Data is read from the DPRAMs according to the configured Transmit
Calendar within the TX Calendar Control Logic. The control logic provides both the virtual partition address and
BURST_VAL to the Address Map & Arbiter (AMA) block. The AMA services the requested partition and can option-
ally provide idle data if the partition is empty when serviced. The TDP block accepts transmit data and control sig-
nals from the AMA and formats the data according to the SPI4 transmit data protocol. The transmit data is then
serialized within the TDO block. Data is transmitted across the SPI4 interface on a 16-bit LVDS pair bus (TDAT)
which is source synchronous to the LVDS pair clock (TDCLK). The LVDS control signal pair (TCTL) is used to iden-
tify when the content of the SPI4 bus is control versus user data. The interface is an OIF-SPI-4 02.0 compliant
interface that supports data rates in the range of 622-900 Mbps. Additionally, lower speed data in the range of 100-
200 Mbps is also supported. To accommodate dynamic timing the TDP will insert training patterns as configured.
[A,B]TSTAT
[A,B]TSCLK
TX
DPRAM
SPI[A,B]_k_DATA_j, BEj
SPI[A,B]_k_SOPj, ERRj
SPI[A,B]_k_PORT_j
SPI[A,B]_k_WD_CNT_RST_j
SPI[A,B]_k_WE_j
TDO
[A,B]TDAT
[A,B]TCTL
[A,B]TDCLK
TX Calendar
TSP
TSI
SPI[A,B]_k_PORT_ID
SPI[A,B]_k_STAT
SPI[A,B]_k_BURST_VAL
TLSTAT
TLCLK
8
TDP
Address
Map &
Arbiter
TDP
k = TX32, TX64 or TX128
SPI[A,B]_k_LINK_DIS_j
SPI[A,B]_k_FIFO_FULL_j
SPI[A,B]_k_CLK_j
SPI[A,B]_k_PORT_ID
Control Logic
PORT_ID
PORT_STAT
2
4
AMA_ID
BURST_VAL
16
2
SPI[A,B]_k_ADDRj
j = 0, 1, 2 or 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com