Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 17 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 17 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 13Page - Lattice Semiconductor ORSPI4 Datasheet HTML 14Page - Lattice Semiconductor ORSPI4 Datasheet HTML 15Page - Lattice Semiconductor ORSPI4 Datasheet HTML 16Page - Lattice Semiconductor ORSPI4 Datasheet HTML 17Page - Lattice Semiconductor ORSPI4 Datasheet HTML 18Page - Lattice Semiconductor ORSPI4 Datasheet HTML 19Page - Lattice Semiconductor ORSPI4 Datasheet HTML 20Page - Lattice Semiconductor ORSPI4 Datasheet HTML 21Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
17
• High-Speed Interface (HSI) function for clock/data recovery serial backplane data transfer without external
clocks.
• Four-channel HSI functions provide 2.96 Gbits/s serial user data interface per channel (8b/10b encoding and
decoding) for a total chip bandwidth of > 10 Gbits/s (full duplex).
• SERDES have low-power CML buffers and support 1.5 V or 1.8 V I/Os. This allows use of the SERDES with opti-
cal transceiver, coaxial copper media, shielded twisted pair wiring or high-speed backplanes such as FR-4.
• Powerdown option of SERDES HSI receiver or transmitter is on a per-channel basis.
• Automatic lock to reference clock in the absence of valid receive data.
• High-speed and low-speed loopback test modes.
• No external components required for clock recovery and frequency synthesis.
• Built-in boundary scan (
IEEE
® 1149.1 and 1149.2 JTAG) for the programmable I/Os, not including the SERDES
interface.
• FIFOs can align incoming data either across groups of four channels or groups of two channels. Alignment is
done either using comma characters or by using the /A/ character in XAUI mode. Optional ability to bypass the
alignment FIFOs for asynchronous operation between channels (Each channel includes its own clock and frame
pulse or comma detect).
ORSPI4 FPGA Logic Overview
The following sections provide a brief overview of the main architectural features of the ORSPI4 FPGA logic. For
more detailed information, please refer to the ORCA Series 4 FPGA Data Sheet which can be found under the
“Products” folder on the Lattice Semiconductor main Web site: www.latticesemi.com. The ORCA Series 4 FPGA
Data Sheet provides detailed information required for designing with the ORSPI4 device. Topics covered in the
ORCA Series 4 Data Sheet include:
• FPGA Logic Architecture
• FPGA Routing Resources
• FPGA Clock Routing Resources
• FPGA Programmable Input/Output Cells (PICs)
• FPGA Embedded Block RAM (EBR)
• Microprocessor Interface (MPI)
• Phase-Locked Loops (PLLs)
• Electrical Characteristics
• FPGA Timing Characteristics
• Power-up
• Configuration
ORCA Series 4 FPGA Logic Overview
The
ORCA Series 4 architecture is a new generation of SRAM-based programmable devices from Lattice. It
includes enhancements and innovations geared toward today’s high-speed systems on a single chip. Designed
with networking applications in mind, the Series 4 family incorporates system-level features that can further reduce
logic requirements and increase system speed.
ORCA Series 4 devices contain many new patented enhance-
ments and are offered in a variety of packages and speed grades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com